Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14E3EP Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP14E3EP
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3EP Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP14E3EP Datasheet HTML 3Page - Microchip Technology MCP14E3EP Datasheet HTML 4Page - Microchip Technology MCP14E3EP Datasheet HTML 5Page - Microchip Technology MCP14E3EP Datasheet HTML 6Page - Microchip Technology MCP14E3EP Datasheet HTML 7Page - Microchip Technology MCP14E3EP Datasheet HTML 8Page - Microchip Technology MCP14E3EP Datasheet HTML 9Page - Microchip Technology MCP14E3EP Datasheet HTML 10Page - Microchip Technology MCP14E3EP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 7
MCP14E3/MCP14E4/MCP14E5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
4
6
8
10
12
14
16
18
Supply Voltage (V)
10,000 pF
6,800 pF
4,700 pF
2,200 pF
100 pF
0
10
20
30
40
50
60
100
1000
10000
Capacitive Load (pF)
5V
12V
18V
10
12
14
16
18
20
22
24
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 18V
tRISE
tFALL
0
30
60
90
120
4
6
8
101214
16
18
Supply Voltage (V)
10,000 pF
6,800 pF
4,700 pF
2,200 pF
100 pF
0
10
20
30
40
50
60
100
1000
10000
Capacitive Load (pF)
5V
12V
18V
35
40
45
50
55
60
4
5
6
7
8
9
10
11
12
Input Amplitude (V)
VDD = 12V
tD1
tD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com