Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1525I/TT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1525I/TT
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525I/TT Datasheet(HTML) 3 Page - Microchip Technology

  MCP1525I/TT Datasheet HTML 1Page - Microchip Technology MCP1525I/TT Datasheet HTML 2Page - Microchip Technology MCP1525I/TT Datasheet HTML 3Page - Microchip Technology MCP1525I/TT Datasheet HTML 4Page - Microchip Technology MCP1525I/TT Datasheet HTML 5Page - Microchip Technology MCP1525I/TT Datasheet HTML 6Page - Microchip Technology MCP1525I/TT Datasheet HTML 7Page - Microchip Technology MCP1525I/TT Datasheet HTML 8Page - Microchip Technology MCP1525I/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 3
MCP1525/41
AC ELECTRICAL SPECIFICATIONS
TEMPERATURE SPECIFICATIONS
1.1
Specification Descriptions and
Test Circuits
1.1.1
OUTPUT VOLTAGE
Output voltage is the reference voltage that is available
on the output pin (VOUT).
1.1.2
INPUT VOLTAGE
The input (operating) voltage is the range of voltage
that can be applied to the VIN pin and still have the
device produce the designated output voltage on the
VOUT pin.
1.1.3
OUTPUT VOLTAGE DRIFT (TCVOUT)
The output temperature coefficient or voltage drift is a
measure of how much the output voltage (VOUT) will
vary from its initial value with changes in ambient
temperature. The value specified in the electrical
specifications is measured and equal to:
EQUATION 1-1:
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VIN = 5.0V, VSS =GND, IOUT = 0 mA and CL =1 µF.
Parameter
Sym
Min
Typ
Max
Units
Conditions
AC Response
Bandwidth
BW
—
100
—
kHz
Input and Load Capacitors (see Figure 4-1)
Input Capacitor
CIN
—0.1
—
µF
Notes 1
Load Capacitor
CL
1—
10
µF
Notes 2
Noise
MCP1525 Output Noise Voltage
Eno
—90—
µVP-P
0.1 Hz to 10 Hz
Eno
—500
—
µVP-P
10 Hz to 10 kHz
MCP1541 Output Noise Voltage
Eno
—145
—
µVP-P
0.1 Hz to 10 Hz
Eno
—700
—
µVP-P
10 Hz to 10 kHz
Note
1:
The input capacitor is optional; Microchip recommends using a ceramic capacitor.
2:
These parts are tested at both 1 µF and 10 µF to ensure proper operation over this range of load capacitors. A wider
range of load capacitor values has been characterized successfully, but is not tested in production.
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VIN = 5.0V and VSS =GND.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, TO-92
JA
—132
—
°C/W
Thermal Resistance, SOT-23-3
JA
—336
—
°C/W
Note
1:
These voltage references operate over the Operating Temperature Range, but with reduced performance. In any case,
the internal Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
TCV
OUT
V
OUT VNO M
T
A
------------------------------------
=
ppm
C

Where:
VNOM =2.5V, MCP1525
VNOM = 4.096V, MCP1541
21653C.book Page 3 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com