Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341103E/ML Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP4341103E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341103E/ML Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP4341103E/ML Datasheet HTML 60Page - Microchip Technology MCP4341103E/ML Datasheet HTML 61Page - Microchip Technology MCP4341103E/ML Datasheet HTML 62Page - Microchip Technology MCP4341103E/ML Datasheet HTML 63Page - Microchip Technology MCP4341103E/ML Datasheet HTML 64Page - Microchip Technology MCP4341103E/ML Datasheet HTML 65Page - Microchip Technology MCP4341103E/ML Datasheet HTML 66Page - Microchip Technology MCP4341103E/ML Datasheet HTML 67Page - Microchip Technology MCP4341103E/ML Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
MCP434X/436X
DS22233A-page 64
© 2009 Microchip Technology Inc.
Figure 8-8 shows possible layout implementations for
an application to support the quad and dual options on
the same PCB.
FIGURE 8-8:
Layout to support Quad and
Dual Devices.
8.4.2.3
PCB Area Requirements
In some applications, PCB area is a criteria for device
selection. Table 8-2 shows the package dimensions
and area for the different package options. The table
also shows the relative area factor compared to the
smallest area. For space critical applications, the QFN
package would be the suggested package.
TABLE 8-2:
PACKAGE FOOTPRINT (1)
8.4.3
RESISTOR TEMPCO
Characterization curves of the resistor temperature
coefficient
(Tempco)
are
shown
in
Figure 2-8,
Figure 2-19, Figure 2-29, and Figure 2-39.
These curves show that the resistor network is
designed to correct for the change in resistance as
temperature increases. This technique reduces the
end to end change is RAB resistance.
8.4.4
HIGH VOLTAGE TOLERANT PINS
High Voltage support (VIHH) on the Serial Interface pins
supports two features. These are:
• In-Circuit Accommodation of split rail applications
and power supply sync issues
• User configuration of the Non-Volatile EEPROM,
Write Protect, and WiperLock feature
Potentiometers Devices
Rheostat Devices
MCP43X1
MCP42X1
MCP43X2
MCP42X2
Package
Package Footprint
Type
Code
Dimensions
(mm)
XY
14
TSSOP
ST
5.10
6.40
32.64
2.04
20
QFN
ML
4.00
4.00
16.00
1
TSSOP
ST
6.60
6.40
42.24
2.64
Note 1: Does not include recommended land
pattern dimensions.
Note:
In many applications, the High Voltage will
only be present at the manufacturing
stage so as to “lock” the Non-Volatile wiper
value (after calibration) and the contents
of the EEPROM. This ensures that since
High Voltage is not present under normal
operating conditions, these values can not
be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com