Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020E/SL Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP25020E/SL
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020E/SL Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP25020E/SL Datasheet HTML 41Page - Microchip Technology MCP25020E/SL Datasheet HTML 42Page - Microchip Technology MCP25020E/SL Datasheet HTML 43Page - Microchip Technology MCP25020E/SL Datasheet HTML 44Page - Microchip Technology MCP25020E/SL Datasheet HTML 45Page - Microchip Technology MCP25020E/SL Datasheet HTML 46Page - Microchip Technology MCP25020E/SL Datasheet HTML 47Page - Microchip Technology MCP25020E/SL Datasheet HTML 48Page - Microchip Technology MCP25020E/SL Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 45
MCP2502X/5X
7.5
Read A/D Registers Output
Message
When the MCP2502X/5X responds to a Read A/D Regs
IRM with an OM, the analog values are contained in
Register 7-7, Register 7-8 and Register 7-9.
REGISTER 7-7:
A/D OM RESULT REGISTER (ANnH)
REGISTER 7-8:
A/D OM RESULT REGISTER (AN32L)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
ANnR9
ANnR8
ANnR7
ANnR6
ANnR5
ANnR4
ANnR3
ANnR2
bit 7
bit 0
bit 7-0
ANnR9:ANnR2: Bits 9-2 of channel ‘n’ results
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R-x
R-x
U-x
U-x
R-x
R-x
U-x
U-x
AN3R.1
AN3R.0
—
—
AN2R.1
AN2R.0
—
—
bit 7
bit 0
bit 7-6
AN3R.1:AN3R.0: A/D Channel 3, bits 1:0 results
bit 5-4
Unimplemented: Reads as ‘0’
bit 3-2
AN2R.1:AN2R.0: A/D Channel 2, bits 1:0 results
bit 1-0
Unimplemented: Reads as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com