Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP41010E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP41010E/P
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41010E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP41010E/P Datasheet HTML 8Page - Microchip Technology MCP41010E/P Datasheet HTML 9Page - Microchip Technology MCP41010E/P Datasheet HTML 10Page - Microchip Technology MCP41010E/P Datasheet HTML 11Page - Microchip Technology MCP41010E/P Datasheet HTML 12Page - Microchip Technology MCP41010E/P Datasheet HTML 13Page - Microchip Technology MCP41010E/P Datasheet HTML 14Page - Microchip Technology MCP41010E/P Datasheet HTML 15Page - Microchip Technology MCP41010E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 12
 2003 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
3.1
PA0, PA1
Potentiometer Terminal A Connection.
3.2
PB0, PB1
Potentiometer Terminal B Connection.
3.3
PW0, PW1
Potentiometer Wiper Connection.
3.4
Chip Select (CS)
This is the SPI port chip select pin and is used to exe-
cute a new command after it has been loaded into the
shift register. This pin has a Schmitt Trigger input.
3.5
Serial Clock (SCK)
This is the SPI port clock pin and is used to clock-in
new register data. Data is clocked into the SI pin on the
rising edge of the clock and out the SO pin on the falling
edge of the clock. This pin is gated to the CS pin (i.e.,
the device will not draw any more current if the SCK pin
is toggling when the CS pin is high). This pin has a
Schmitt Trigger input.
3.6
Serial Data Input (SI)
This is the SPI port serial data input pin. The command
and data bytes are clocked into the shift register using
this pin. This pin is gated to the CS pin (i.e., the device
will not draw any more current if the SI pin is toggling
when the CS pin is high). This pin has a Schmitt Trigger
input.
3.7
Serial Data Output (SO)
(MCP42XXX devices only)
This is the SPI port serial data output pin used for
daisy-chaining more than one device. Data is clocked
out of the SO pin on the falling edge of clock. This is a
push-pull output and does not go to a high-impedance
state when CS is high. It will drive a logic-low when CS
is high.
3.8
Reset (RS)
(MCP42XXX devices only)
The Reset pin will set all potentiometers to mid-scale
(Code 80h) if this pin is brought low for at least 150 ns.
This pin should not be toggled low when the CS pin is
low. It is possible to toggle this pin when the SHDN pin
is low. In order to minimize power consumption, this pin
has an active pull-up circuit. The performance of this
circuit is shown in Figure 2-12. This pin will draw negli-
gible current at logic level ‘0’ and logic level ‘1’. Do not
leave this pin floating.
3.9
Shutdown (SHDN)
(MCP42XXX devices only)
The Shutdown pin has a Schmitt Trigger input. Pulling
this pin low will put the device in a power-saving mode
where A terminal is opened and the B and W terminals
are connected for all potentiometers. This pin should
not be toggled low when the CS pin is low. In order to
minimize power consumption, this pin has an active
pull-up circuit. The performance of this circuit is shown
in Figure 2-12. This pin will draw negligible current at
logic level ‘0’ and logic level ‘1’. Do not leave this pin
floating.
TABLE 3-1:
MCP41XXX Pins
TABLE 3-2:
MCP42XXX Pins
Pin # Name
Function
1CS
Chip Select
2
SCK
Serial Clock
3
SI
Serial Data Input
4VSS
Ground
5
PA0
Terminal A Connection For Pot 0
6
PW0 Wiper Connection For Pot 0
7
PB0
Terminal B Connection For Pot 0
8VDD
Power
Pin # Name
Function
1CS
Chip Select
2
SCK
Serial Clock
3
SI
Serial Data Input
4VSS
Ground
5
PB1
Terminal B Connection For Pot 1
6
PW1 Wiper Connection For Pot 1
7
PA1
Terminal A Connection For Pot 1
8
PA0
Terminal A Connection For Pot 0
9
PW0 Wiper Connection For Pot 0
10
PB0
Terminal B Connection For Pot 0
11
RS
Reset Input
12
SHDN Shutdown Input
13
SO
Data Out for Daisy-Chaining
14
VDD
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com