Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341T503E/ST Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP4341T503E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341T503E/ST Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP4341T503E/ST Datasheet HTML 30Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 31Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 32Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 33Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 34Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 35Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 36Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 37Page - Microchip Technology MCP4341T503E/ST Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
MCP434X/436X
DS22233A-page 34
© 2009 Microchip Technology Inc.
4.2.2.1
Status (STATUS) Register
This register contains 7 status bits. These bits show the
state of the WiperLock bits, the Write Protect bit, and if
an EEPROM write cycle is active. The STATUS register
can
be
accessed
via
the
READ
commands.
Register 4-1 describes each STATUS register bit.
The STATUS register is placed at Address 05h.
REGISTER 4-1:
STATUS REGISTER
R-1
R-1
R-1
R-1
R-0
R-x
R-x
R-1
R-x
D8:D7
WL3 (1)
WL2 (1)
EEWA
WL1 (1)
WL0 (1)
—WP (1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8-7
D8:D7: Reserved. Forced to “1”
bit 6
WL3: WiperLock Status bit for Resistor Network 3 (Refer to Section 5.3 “WiperLock™ Technology”
for further information)
The WiperLock Technology bit (WL3) prevents the Volatile and Non-Volatile Wiper 3 addresses and the
TCON1 register bits R3HW, R3A, R3W, and R3B from being written to. High Voltage commands are
required to enable and disable WiperLock Technology.
1
=
Wiper and TCON1 register bits R3HW, R3A, R3W, and R3B of Resistor Network 3 (Pot 3) are
“Locked” (Write Protected)
0
=
Wiper and TCON1 of Resistor Network 3 (Pot 3) can be modified
Note:
The WL3 bit always reflects the result of the last programming cycle to the non-volatile WL3
bit. After a POR/BOR or RESET pin event, the WL3 bit is loaded with the non-volatile WL3
bit value.
bit 5
WL2: WiperLock Status bit for Resistor Network 2 (Refer to Section 5.3 “WiperLock™ Technology”
for further information)
The WiperLock Technology bit (WL2) prevents the Volatile and Non-Volatile Wiper 2 addresses and the
TCON1 register bits R2HW, R2A, R2W, and R2B from being written to. High Voltage commands are
required to enable and disable WiperLock Technology.
1
=
Wiper and TCON1 register bits R2HW, R2A, R2W, and R2B of Resistor Network 2 (Pot 2) are
“Locked” (Write Protected)
0
=
Wiper and TCON1 of Resistor Network 2 (Pot 2) can be modified
Note:
The WL0 bit always reflects the result of the last programming cycle to the non-volatile WL0
bit. After a POR/BOR or RESET pin event, the WL0 bit is loaded with the non-volatile WL0
bit value.
bit 4
EEWA: EEPROM Write Active Status bit
This bit indicates if the EEPROM Write Cycle is occurring.
1
=
An EEPROM Write cycle is currently occurring. Only serial commands to the Volatile memory
locations are allowed (addresses 00h, 01h, 04h, and 05h)
0
=
An EEPROM Write cycle is NOT currently occurring
Note 1:
Requires a High Voltage command to modify the state of this bit (for Non-Volatile devices only). This bit is
Not directly written, but reflects the system state (for this feature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com