Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP41010I/SN Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP41010I/SN
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41010I/SN Datasheet(HTML) 3 Page - Microchip Technology

  MCP41010I/SN Datasheet HTML 1Page - Microchip Technology MCP41010I/SN Datasheet HTML 2Page - Microchip Technology MCP41010I/SN Datasheet HTML 3Page - Microchip Technology MCP41010I/SN Datasheet HTML 4Page - Microchip Technology MCP41010I/SN Datasheet HTML 5Page - Microchip Technology MCP41010I/SN Datasheet HTML 6Page - Microchip Technology MCP41010I/SN Datasheet HTML 7Page - Microchip Technology MCP41010I/SN Datasheet HTML 8Page - Microchip Technology MCP41010I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 3
MCP41XXX/42XXX
DC CHARACTERISTICS: 50 k
Ω VERSION
Electrical Characteristics: Unless otherwise indicated, VDD = +2.7V to 5.5V, TA = -40°C to +85°C (TSSOP devices are only specified at +25°C and
+85°C). Typical specifications represent values for VDD = 5V, VSS = 0V, VB = 0V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Rheostat Mode
Nominal Resistance
R
35
50
65
k
Ω
TA = +25°C (Note 1)
Rheostat Differential Non-Linearity
R-DNL
-1
±1/4
+1
LSB
Note 2
Rheostat Integral Non-Linearity
R-INL
-1
±1/4
+1
LSB
Note 2
Rheostat Tempco
∆RAB/∆T
—
800
—
ppm/°C
Wiper Resistance
RW
—
125
175
Ω
VDD = 5.5V, IW = 1 mA, code 00h
RW
—
175
250
Ω
VDD = 2.7V, IW = 1 mA, code 00h
Wiper Current
IW
-1
—
+1
mA
Nominal Resistance Match
∆R/R
—
0.2
1
%
MCP42050 only, P0 to P1;TA = +25°C
Potentiometer Divider
Resolution
N
8
—
—
Bits
Monotonicity
N
8
—
—
Bits
Differential Non-Linearity
DNL
-1
±1/4
+1
LSB
Note 3
Integral Non-Linearity
INL
-1
±1/4
+1
LSB
Note 3
Voltage Divider Tempco
∆VW/∆T
—
1
—
ppm/°C Code 80h
Full-Scale Error
VWFSE
-1
-0.25
0
LSB
Code FFh, VDD = 5V, see Figure 2-25
VWFSE
-1
-0.35
0
LSB
Code FFh, VDD = 3V, see Figure 2-25
Zero-Scale Error
VWZSE
0
+0.25
+1
LSB
Code 00h, VDD = 5V, see Figure 2-25
VWZSE
0
+0.35
+1
LSB
Code 00h, VDD = 3V, see Figure 2-25
Resistor Terminals
Voltage Range
VA,B,W
0—
VDD
Note 4
Capacitance (CA or CB)
—
11
—
pF
f =1 MHz, Code = 80h, see Figure 2-30
Capacitance
CW
—
5.6
—
pF
f =1 MHz, Code = 80h, see Figure 2-30
Dynamic Characteristics (All dynamic characteristics use VDD = 5V)
Bandwidth -3dB
BW
—
280
—
MHz
VB = 0V, Measured at Code 80h,
Output Load = 30 PF
Settling Time
tS
—8
—
µS
VA = VDD,VB = 0V, ±1% Error Band, Transition
from Code 00h to Code 80h, Output Load = 30 pF
Resistor Noise Voltage
eNWB
—20
—
nV/
√Hz VA = Open, Code 80h, f =1 kHz
Crosstalk
CT
—-95
—dB
VA = VDD, VB = 0V (Note 5)
Digital Inputs/Outputs (CS, SCK, SI, SO) See Figure 2-12 for RS and SHDN pin operation.
Schmitt Trigger High-Level Input Voltage
VIH
0.7VDD
——
V
Schmitt Trigger Low-Level Input Voltage
VIL
—
—
0.3VDD
V
Hysteresis of Schmitt Trigger Inputs
VHYS
—0.05VDD
—
Low-Level Output Voltage
VOL
—
—
0.40
V
IOL = 2.1 mA, VDD = 5V
High-Level Output Voltage
VOH
VDD - 0.5
—
—
V
IOH = -400 µA, VDD = 5V
Input Leakage Current
ILI
-1
—
+1
µA
CS = VDD, VIN = VSS or VDD, includes VA SHDN=0
Pin Capacitance (All inputs/outputs)
CIN, COUT
—10
—
pF
VDD = 5.0V, TA = +25°C, fc = 1 MHz
Power Requirements
Operating Voltage Range
VDD
2.7
—
5.5
V
Supply Current, Active
IDDA
—
340
500
µA
VDD = 5.5V, CS = VSS, fSCK = 10 MHz,
SO = Open, Code FFh (Note 6)
Supply Current, Static
IDDS
—0.01
1
µA
CS, SHDN, RS = VDD = 5.5V, SO = Open (Note 6)
Power Supply Sensitivity
PSS
—
0.0015
0.0035
%/%
VDD = 4.5V - 5.5V, VA = 4.5V, Code 80h
PSS
—
0.0015
0.0035
%/%
VDD = 2.7V - 3.3V, VA = 2.7V, Code 80h
Note
1:
VAB = VDD, no connection on wiper.
2:
Rheostat position non-linearity R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum
resistance wiper positions. R-DNL measures the relative step change from the ideal between successive tap positions. IW = VDD/R for
+3V or +5V for 50 k
Ω version. See Figure 2-26 for test circuit.
3:
INL and DNL are measured at VW with the device configured in the voltage divider or potentiometer mode. VA = VDD and VB = 0V. DNL
specification limits of ±1 LSB max are specified monotonic operating conditions. See Figure 2-25 for test circuit.
4:
Resistor terminals A,B and W have no restrictions on polarity with respect to each other. Full-scale and zero-scale error were measured
using Figure 2-25.
5:
Measured at VW pin where the voltage on the adjacent VW pin is swinging full scale.
6:
Supply current is independent of current through the potentiometers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com