Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB1218ART1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSB1218ART1
Description  PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSB1218ART1 Datasheet(HTML) 2 Page - Motorola, Inc

  MSB1218ART1 Datasheet HTML 1Page - Motorola, Inc MSB1218ART1 Datasheet HTML 2Page - Motorola, Inc MSB1218ART1 Datasheet HTML 3Page - Motorola, Inc MSB1218ART1 Datasheet HTML 4Page - Motorola, Inc MSB1218ART1 Datasheet HTML 5Page - Motorola, Inc MSB1218ART1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSB1218A-RT1 MSB1218A-ST1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Derating Curve
250
200
150
100
50
0
– 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
Figure 2. IC – VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 5. On Voltage
IC, COLLECTOR CURRENT (mA)
0
120
90
60
30
0
3
6
9
15
1000
0.1
100
10
1
10
100
TA = 25°C
TA = – 25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80
100
150 200
TA = 25°C
VCE = 5 V
12
0
TA = 25°C
300
µA
IB = 50 µA
100
150
200
250
R
θJA = 833°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com