Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HCT240 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HCT240
Description  Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT240 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HCT240 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT240 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
−
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics
VCC = 5V ±10% (unless otherwise specified)
Note 4: Measured per input. All other inputs at VCC or GND.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±35 mA
DC VCC or GND Current, per pin (ICC)
±70 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)4.5
5.5
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf)
500
ns
Symbol
Parameter
Conditions
TA = 25°CTA = −40 to 85°CTA = −55° to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0
2.0
2.0
V
Input Voltage
VIL
Maximum LOW Level
0.8
0.8
0.8
V
Input Voltage
VOH
Minimum HIGH Level
VIN-EE = VIH or VIL
Output Voltage
|IOUT| = 20 µAVCC
VCC−0.1
VCC−0.1
VCC−0.1
V
|IOUT| = 6.0 mA, VCC = 4.5V
4.2
3.98
3.84
3.7
V
|IOUT| = 7.2 mA, VCC = 5.5V
5.2
4.98
4.84
4.7
V
VOL
Maximum LOW Level
VIN = VIH or VIL
Voltage
|IOUT| = 20 µA
0
0.1
0.1
0.1
V
|IOUT| = 6.0 mA, VCC = 4.5V
0.2
0.26
0.33
0.4
V
|IOUT| = 7.2 mA, VCC = 5.5V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input
VIN = VCC or GND,
±0.05
±0.5
±1.0
µA
Current
VIH or VIL
IOZ
Maximum 3-STATE
VOUT = VCC or GND
±0.25
±2.5
±10
µA
Output Leakage
G
= V
IH
Current
G
= V
IL
ICC
Maximum Quiescent
VIN = VCC or GND
4.0
40
160
µA
Supply Current
IOUT = 0 µA
VIN = 2.4V or 0.5V (Note 4)
0.6
1.0
1.3
1.5
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com