Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050I/P Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP25050I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050I/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP25050I/P Datasheet HTML 18Page - Microchip Technology MCP25050I/P Datasheet HTML 19Page - Microchip Technology MCP25050I/P Datasheet HTML 20Page - Microchip Technology MCP25050I/P Datasheet HTML 21Page - Microchip Technology MCP25050I/P Datasheet HTML 22Page - Microchip Technology MCP25050I/P Datasheet HTML 23Page - Microchip Technology MCP25050I/P Datasheet HTML 24Page - Microchip Technology MCP25050I/P Datasheet HTML 25Page - Microchip Technology MCP25050I/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
MCP2502X/5X
DS21664D-page 22
© 2007 Microchip Technology Inc.
4.3.1
INFORMATION REQUEST
MESSAGES
Information Request Messages (IRM) are messages
that the MCP2502X/5X receives into Receive Buffer 0
(matches Filter 0) and then responds to by transmitting
a message (output message) containing the requested
data.
IRMs can be implemented as either a Remote Transfer
Request (RTR) or a Data Frame message by
configuring the MTYPE bit in the OPTREG2 register.
TABLE 4-1:
MESSAGE FUNCTION
4.3.1.1
RTR Message Type
When
RTR
message
types
are
selected
(OPTREG2.MTYPE) and a node in the system wants
information from the MCP2502X/5X, it has to send a
remote frame on the bus. The identifier for the remote
frame must be such that it will be accepted through the
MCP2502X/5X’s mask/filter process (using RXF0). The
RTR message type (remote frames) is the default
configuration (MTYPE bit = 0).
Information Request “RTR” messages must not only
meet the RXMASK/RXF0 criteria but must also have
the RTR bit of the CAN ID set (since the filter registers
do not contain an explicit RTR bit). If a message passes
the mask/filter process and the RTR bit is a ‘0’, that
message will be ignored.
Once the MCP2502X/5X has received a remote frame,
it will determine the function to be performed based
upon the three LSb’s (RXB0SIDL.SID2:SID0 for
standard messages and RXB0EID0.EID2:EID0 for
extended messages) of the received remote frame.
Additionally, a predefined Data Length Code (DLC)
must be sent to signify the number of data bytes that
the MCP2502X/5X must return in it’s output message
(see Table 4-2 and Table 4-3).
4.3.1.2
Data Frame Message Type
When a non-RTR (or data frame) message type is
selected and a node in the system wants information
from the MCP2502X/5X, it sends an Information
Request in the form of a data frame. The identifier for
this request must be such that it will be accepted
through the MCP2502X/5X’s mask/filter process (using
RXF0).
Information request messages in the data frame format
must not only meet the RXMASK/RXF0 criteria, but
must also have the RTR bit of the CAN ID cleared
(since the filter registers do not contain an explicit RTR
bit). If a message passes the mask/filter process and
the RTR bit is a ‘1’, that message will be ignored.
Once the MCP2502X/5X has received a data frame
information request, it will determine the function to be
performed
based
upon
the
three
LSb’s
(RXB0SIDL.SID2:SID0 for standard messages and
RXB0EID0.EID2:EID0 for extended messages) of the
received data frame. Also, Bit 3 of the received
message ID must be set to a ‘1’.
In addition, the data length code (DLC) must be set to
a zero. Refer to Table 4-2 and Table 4-3 for more
information.
Regardless of the message format, all messages
except the Read Register message can use either
standard or extended identifiers. The Read Register
message has one additional requirement; it must be an
extended identifier. This is discussed in more detail in
Table 4-1 and Table 4-3 for more information.
Name
Description
Read A/D
Registers
Transmits a single message containing
the current state of the analog and I/O
registers, including the configuration
Read Control
Registers
Transmits several control registers not
included in other messages
Read Configura-
tion Registers
Transmits the contents of many of the
configuration registers
Read CAN
error states
Transmits the error flag register and
the error counts
Read PWM
Configuration
Transmits the registers associated with
the PWM modules
Read User
Registers 1
Transmits the values in bytes 0 - 7 of
the user memory
Read User
Registers 2
Transmits the values in bytes 8 -15 of
the user memory
Read Register*
Transmits a single byte containing the
value in an addressed user memory
register
Write Register
Uses a mask to write a value to an
addressed register
Write TX Message
ID0 (TXID0)
Writes the identifiers to a specified
value
Write TX Message
ID1 (TXID1)
Writes the identifiers to a specified
value
Write TX Message
ID2 (TXID2)
Writes the identifiers to a specified
value
Write I/O
Configuration
Registers
Writes specified values to the three
IOCON registers
Write RX Mask
Changes the receive mask to the
specified value
Write RX Filter0
Changes the specified filter to the
specified value
Write RX Filter1
Changes the specified filter to the
specified value
* The Read Register command is available when using
extended message format only. Not available with
standard message format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com