Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050TI/P Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP25050TI/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050TI/P Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP25050TI/P Datasheet HTML 47Page - Microchip Technology MCP25050TI/P Datasheet HTML 48Page - Microchip Technology MCP25050TI/P Datasheet HTML 49Page - Microchip Technology MCP25050TI/P Datasheet HTML 50Page - Microchip Technology MCP25050TI/P Datasheet HTML 51Page - Microchip Technology MCP25050TI/P Datasheet HTML 52Page - Microchip Technology MCP25050TI/P Datasheet HTML 53Page - Microchip Technology MCP25050TI/P Datasheet HTML 54Page - Microchip Technology MCP25050TI/P Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 51
MCP2502X/5X
9.0
ELECTRICAL CHARACTERISTICS
9.1
Absolute Maximum Ratings†
Ambient temperature under bias............................................................................................................. -55°C to +125°C
Storage temperature ............................................................................................................................... -65°C to +150°C
Voltage on any pin with respect to Vss (except VDD and RST)....................................................... -0.3V to (VDD + 0.6V)
VDD................................................................................................................................................................... 0V to 7.0V
Voltage on RST with respect to Vss.................................................................................................................. 0V to 14V
Total power dissipation (Note 1) .............................................................................................................................. 1.0 W
Maximum source current out of VSS pin ............................................................................................................... 300 mA
Maximum sink current into VDD pin ....................................................................................................................... 250 mA
Input clamp current, Iik (Vi < 0 or Vi > VDD) .......................................................................................................... ±20 mA
Output clamp current, Iok (VO < 0 or VO > VDD).................................................................................................... ±20 mA
Maximum current sunk by any I/O pin..................................................................................................................... 25 mA
Maximum current sourced by any input pin ............................................................................................................ 25 mA
Maximum current sunk by GPIO port.................................................................................................................... 200 mA
Maximum current sourced by GPIO port ..............................................................................................................200 mA
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
ESD protection on all pins
.................................................................................................................................................. ≥ 3.5 kV
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
FIGURE 9-1:
MCP2505X VOLTAGE-FREQUENCY GRAPH
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Frequency
6.0V
5.5V
4.5V
4.0V
2.0V
25 MHz
5.0V
3.5V
3.0V
2.7V
Fmax = (9.44 MHz/V) (VDDAPPMIN - 2.7V) + 8 MHz
Note: VDDAPPMIN is the minimum voltage of the MCP2505X device in the application.
8MHz
4.5V
MCP2505X
Characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com