Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-7321 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # HS-7321
Description  Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7321 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  HS-7321 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All specifications and photos are subject to change without notice. #201104
www.boser.com.tw
» Intel® Core™ 2 Duo/Celeron® M processor
» 1 x SO-DIMM up to 2GB DDR2 SDRAM
» Intel® 945GME/ICH7-M system chipset
» 18-bit dual-channel LVDS
» Dual Intel® Gigabit Ethernet
» ALC202A Codec
» Hardware Monitor function
» Single +12V DC IN
» Option for DVI-I display
CPU
Socket M for Intel® Core™ 2 Duo/Celeron® M
processor
Bus Interface
PICMG1.3 Half-size
FSB
667/533MHz FSB
BIOS
AMI PnP Flash BIOS
System Chipset
Intel® 945GME/ICH7-M
I/O Chipset
Winbond W83627EHG
System Memory
1 x 200-pin SO-DIMM, DDR2 667MHz, Max. 2GB
Storage
1 x Type II CF socket
Expansion Interface
1 x Type III mini PCI socket
DIO
8-bit input/output port
Watchdog Timer
Software programmable time-out intervals from
1~255 sec. or 1~255 min.
H/W Status Monitor
Monitoring temperatures, voltages, and cooling fan
status
Power Function
Single +12V DC IN
Operating Temperature
0~60ºC
Operating Humidity
0~95%, non-condensing
Board Size (LxW)
167.6 x 126.4 mm
Intel® Core™ 2 Duo/Celeron® M processor PICMG1.3 Half-size SBC w/CF, Mini PCI, DVI-I/CRT/LVDS,
Dual Gigabit Ethernet, Audio, 4 COM, 3 USB
Chipset
Intel® 945GME integrated Intel® GMA950
Display Memory
DVMT3.0 up to 224MB video memory
LVDS
18-bit single/dual-channel
DVI
Chrontel CH7307 (option)
Resolution
VGA Mode: 2048 x 1536
Chipset
RealTek ALC202A
Audio Interface
MIC In, Line Out
Chipset
Dual Intel® 82573L Gigabit Ethernet
Ethernet Interface
2 x RJ-45
HS-7321
PICMG1.3 Half-size SBC w/CF, CRT, Dual Gigabit
Ethernet, Audio
HS-7321/DVI-I
PICMG1.3 Half-size SBC w/CF, DVI-I, Dual Gigabit
Ethernet, Audio
Accessory Options
IDE Cable, SATA Cable, COM Cable, H=23mm
Cooler
I/O Port
3 x RS-232
1 x RS-232/422/485
3 x USB2.0 (1 x external)
1 x IDE
1 x FDD
2 x SATA
1 x 6-pin header for PS/2 KB/MS
HS-7321
System
I/O Interface
Ordering Information
Ethernet
Audio
Display
Features


Similar Part No. - HS-7321

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-7322 BOSER-HS-7322 Datasheet
99Kb / 1P
Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
HS-7322DVI-I BOSER-HS-7322DVI-I Datasheet
99Kb / 1P
Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
More results

Similar Description - HS-7321

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
Full-Size SBC With Intel Core 2 Duo LGA775 Processor
HSB-965P AAEON-HSB-965P Datasheet
375Kb / 2P
PCI Half-Size SBC With Intel Core 2 Duo Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
Intel Core 2 Duo/Celeron M processor
HS-7165 BOSER-HS-7165 Datasheet
90Kb / 1P
Intel Core 2 Duo/Celeron짰 M processor PICMG1.3 Full-size SBC w/CF
HS-7260 BOSER-HS-7260 Datasheet
95Kb / 1P
Intel Core 2 Duo/Celeron짰 M processor PCI-ISA Bus SBC w/CF
HS-7270 BOSER-HS-7270 Datasheet
332Kb / 1P
Intel Core 2 Duo/Celeron processor PCI-ISA Bus SBC w/CF
HS-7322 BOSER-HS-7322 Datasheet
99Kb / 1P
Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com