Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3SL110 Datasheet(PDF) 21 Page - Altera Corporation

Part # EP3SL110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL110 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP3SL110 Datasheet HTML 17Page - Altera Corporation EP3SL110 Datasheet HTML 18Page - Altera Corporation EP3SL110 Datasheet HTML 19Page - Altera Corporation EP3SL110 Datasheet HTML 20Page - Altera Corporation EP3SL110 Datasheet HTML 21Page - Altera Corporation EP3SL110 Datasheet HTML 22Page - Altera Corporation EP3SL110 Datasheet HTML 23Page - Altera Corporation EP3SL110 Datasheet HTML 24Page - Altera Corporation EP3SL110 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–11
Electrical Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Refer to the figures for “Differential I/O Standards” in “Glossary” on page 1–326 for
the receiver input and transmitter output waveforms, and for all the differential I/O
standards (LVDS, mini-LVDS, RSDS). VCC_CLKIN is the power supply for the differential
column clock input pins. VCCPD is the power supply for the row I/Os and all other
column I/Os.
HSTL-12
CLASS II
-0.15
V
REF -0.08
V
REF +0.08
V
CCIO + 0.15
V
REF -0.15
V
REF + 0.15
0.25* V
CCIO
0.75 * V
CCIO
16
-16
Note to Table 1–15:
(1) Use the current strength settings that are equal or larger than the IOL and IOH values listed to meet the VOL and VOH specifications for each line.
OCT or lower current strengths may provide better signal integrity and lower power.
Table 1–15. Single-Ended SSTL and HSTL I/O Standards Signal Specifications (Note 1) (Part 2 of 2)
I/O
Standard
V
IL(DC) (V)
V
IH(DC) (V)
V
IL(AC) (V)
V
IH(AC) (V)
V
OL (V)
V
OH (V)
IOL
(mA)
I
OH
(mA)
Min
Max
Min
Max
Max
Min
Max
Min
Table 1–16. Differential SSTL I/O Standard Specifications
I/O
Standard
V
CCIO (V)
V
SWING (DC) (V)
V
X (AC) (V)
V
SWING(AC) (V)
V
OX (AC) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Max
Min
Typ
Max
SSTL-2
CLASS I, II
2.375
2.5
2.625
0.3
V
CCIO
+ 0.6
V
CCIO/2
- 0.2
—
V
CCIO/2
+ 0.2
0.62
V
CCIO
+ 0.6
V
CCIO/2
- 0.15
—
V
CCIO/2 +
0.15
SSTL-18
CLASS I, II
1.71
1.8
1.89
0.25
V
CCIO
+ 0.6
V
CCIO/2
-0.175
—
V
CCIO/2
+ 0.175
0.5
V
CCIO
+ 0.6
V
CCIO/2
-0.125
—
V
CCIO/2
+0.125
SSTL-15
CLASS I, II
1.425
1.5
1.575
0.2
—
—
V
CCIO/2
—0.35
—
—
V
CCIO/2
—
Table 1–17. Differential HSTL I/O Standards Specifications
I/O Standard
V
CCIO (V)
V
DIF(DC) (V)
V
X(AC) (V)
V
CM(DC) (V)
V
DIF(AC) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Typ
Max
Min
Max
HSTL-18
CLASS I, II
1.71
1.8
1.89
0.2
—
0.78
—
1.12
0.78
—
1.12
0.4
—
HSTL-15
CLASS I, II
1.425
1.5
1.575
0.2
—
0.68
—
0.9
0.68
—
0.9
0.4
—
HSTL-12
CLASS I, II
1.14
1.2
1.26
0.16
V
CCIO
+ 0.3
—
0.5* V
CCIO
—
0.4* V
CCIO
0.5* V
CCIO
0.6* V
CCIO
0.3
V
CCIO
+ 0.48
Table 1–18. Differential I/O Standard Specifications (Part 1 of 2)
I/O
Standard
V
CCIO (V)
V
ID (V) (1)
V
ICM(DC) (V)
V
OD (V) (2)
V
OCM (V) (2)
Min
Typ
Max
Min
Condition
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max
2.5 V LVDS
(Row I/O)
2.375
2.5
2.625
0.1
V
CM = 1.25
—
0.05
(6)
D
max 700
Mbps
1.8
(6)
0.247
—
0.6
1.125
1.25 1.375
2.375
2.5
2.625
0.1
V
CM = 1.25
—
1.05
(6)
D
max > 700
Mbps
1.55
(6)
0.247
—
0.6
1.125
1.25 1.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com