Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2TC32 Datasheet(PDF) 2 Page - Altera Corporation

Part # EPC2TC32
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2TC32 Datasheet(HTML) 2 Page - Altera Corporation

  EPC2TC32 Datasheet HTML 1Page - Altera Corporation EPC2TC32 Datasheet HTML 2Page - Altera Corporation EPC2TC32 Datasheet HTML 3Page - Altera Corporation EPC2TC32 Datasheet HTML 4Page - Altera Corporation EPC2TC32 Datasheet HTML 5Page - Altera Corporation EPC2TC32 Datasheet HTML 6Page - Altera Corporation EPC2TC32 Datasheet HTML 7Page - Altera Corporation EPC2TC32 Datasheet HTML 8Page - Altera Corporation EPC2TC32 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Page 2
Functional Description
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
■
5.0-V and 3.3-V in-system programmability (ISP) through the built-in IEEE Std.
1149.1 JTAG interface
■
Built-in JTAG boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1
■
Supports programming through Serial Vector Format File (.svf), JamStandard
Test and Programming Language (STAPL) Format File (.jam), JAM Byte Code File
(.jbc), and the QuartusII and MAX+PLUSII softwares using the USB-Blaster,
MasterBlaster, ByteBlasterII, EthernetBlaster, or ByteBlasterMVdownload
cable
■
Supports programming through Programmer Object File (.pof) for EPC1 and
EPC1441 devices
■ nINIT
_CONF pin allows INIT_CONF JTAG instruction to begin FPGA configuration
f For more information about enhanced configuration (EPC) devices, refer to the
Enhanced Configuration (EPC) Devices Datasheet.
f For more information about serial configuration (EPCS) devices, refer to the Serial
Configuration (EPCS) Devices Datasheet.
Functional Description
With SRAM-based devices, configuration data must be reloaded each time the device
powers up, the system initializes, or when new configuration data is needed. Altera
configuration devices store configuration data for SRAM-based ACEX 1K, APEX 20K,
APEX II, Arria GX, Cyclone, Cyclone II, FLEX 10K, FLEX 6000, Mercury, Stratix,
Stratix GX, Stratix II, and Stratix II GX devices.
Table 2 lists the supported configuration devices required to configure the ACEX 1K,
APEX 20K, APEX 20KC, APEX 20KE, APEX II, Cyclone, Cyclone II, FLEX 10K,
FLEX 10KA, FLEX 10KE, FLEX 6000/A, FLEX 8000A, Mercury, Stratix, Stratix GX, or
Stratix II device.
Table 2. Supported Configuration Devices (Part 1 of 4)
Device Family
Device
Data Size (Bits)
(1)
EPC1064 or
EPC1064V
EPC1213
EPC1441
EPC1
EPC2
ACEX 1K
EP1K10
159,160
—
—
1
1
1
EP1K30
473,720
—
—
—
1
1
EP1K50
784,184
—
—
—
1
1
EP1K100
1,335,720
—
—
—
—
1
APEX 20K
EP20K100
993,360
—
—
—
1
1
EP20K200
1,950,800
—
—
—
—
2
EP20K400
3,880,720
—
—
—
—
3
APEX 20KC
EP20K200C
1,968,016
—
—
—
—
2
EP20K400C
3,909,776
—
—
—
—
3
EP20K600C
5,673,936
—
—
—
—
4
EP20K1000C
8,960,016
—
—
—
—
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com