Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9901 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9901
Description  Digital Proximity and Ambient Light Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9901 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9901 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
Functional Block Diagram
Upper Threshold
Lower Threshold
Upper Threshold
Lower Threshold
Interrupt
LED Regulated
Constant Current
Sink
Control
Logic
ALS
ADC
Data
Prox
Detect
ADC
INT
SDA
SCL
VDD
GND
LDR
LED K
LED A
Prox IR
LED
Ch0
Ch1
Data
Detailed Description
The APDS-9900/9901 light-to-digital device provides
on-chip Ch0 and Ch1 diodes, integrating amplifiers,
ADCs, accumulators, clocks, buffers, comparators, a state
machine and an I2C interface. Each device combines one
Ch0 photodiode (visible plus infrared) and one Ch1 infra-
red-responding (IR) photodiode. Two integrating ADCs si-
multaneously convert the amplified photodiode currents
to a digital value providing up to 16-bits of resolution.
Upon completion of the conversion cycle, the conversion
result is transferred to the Ch0 and CH1 data registers. This
digital output can be read by a microprocessor where the
illuminance (ambient light level) in Lux is derived using an
empirical formula to approximate the human eye response.
Communication to the device is accomplished through a
fast (up to 400 kHz), two-wire I2C serial bus for easy con-
nection to a microcontroller or embedded controller. The
digital output of the APDS-9900/9901 device is inherent-
ly more immune to noise when compared to an analog
interface.
The APDS-9900/9901 provides a separate pin for level-style
interrupts. When interrupts are enabled and a pre-set
value is exceeded, the interrupt pin is asserted and
remains asserted until cleared by the controlling firmware.
The interrupt feature simplifies and improves system
efficiency by eliminating the need to poll a sensor for a
light intensity or proximity value. An interrupt is generated
when the value of an ALS or proximity conversion exceeds
either an upper or lower threshold. Additionally, a pro-
grammable interrupt persistence feature allows the user
to determine how many consecutive exceeded thresholds
are necessary to trigger an interrupt. Interrupt thresholds
and persistence settings are configured independently for
both ALS and proximity.
Proximity detection is fully provided with an 850 nm IR
LED. An internal LED driver (LDR) pin, is jumper connected
to the LED cathode (LED K) to provide a factory calibrated
proximity of 100 +/- 20 mm. This is accomplished with a
proprietary current calibration technique that accounts
for all variances in silicon, optics, package and most impor-
tantly IR LED output power. This will eliminate or greatly
reduce the need for factory calibration that is required for
most discrete proximity sensor solutions. While the APDS-
9900/9901 is factory calibrated at a given pulse count,
the number of proximity LED pulses can be programmed
from 1 to 255 pulses, which will allow greater proximity
distances to be achieved. Each pulse has a 16
µs period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com