Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B67385 Datasheet(PDF) 2 Page - EPCOS

Part # B67385
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B67385 Datasheet(HTML) 2 Page - EPCOS

  B67385 Datasheet HTML 1Page - EPCOS B67385 Datasheet HTML 2Page - EPCOS B67385 Datasheet HTML 3Page - EPCOS B67385 Datasheet HTML 4Page - EPCOS B67385 Datasheet HTML 5Page - EPCOS B67385 Datasheet HTML 6Page - EPCOS B67385 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
For power transformers >1 kW (20 kHz)
Magnetic characteristics (per set)
U and I cores are supplied as single units. The AL value in the table applies to a core set comprising
two ungapped cores.
UU
126/182/20
UI
126/119/20
I/A
Ie
Ae
Amin
Ve
0.86
480
560
560
269000
0.63
354
560
560
198000
mm–1
mm
mm2
mm2
mm3
m
1300
950
g/set
Material
AL value
nH
e
PV
W/set
Ordering code
Combination UU 126/182/20
N87
3000
25%
2000
< 4.7 (100 mT, 25 kHz, 100 °C)
B67385G0000X187
Combination UI 126/119/20
N87
3900
25%
1950
< 3.4 (100 mT, 25 kHz, 100 °C)
B67385G0000X187 (U)
B67385P0000X187 (I)
B67385
UI 126/119/20 cores
U 126/91/20 cores



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com