Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-286L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286L
Description  Surface Mount Microwave Schottky Detector Diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-286L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
SOT-23/SOT-143 DC Electrical Specifications, TC = +25°C, Single Diode
Part
Package
Typical
Number
Marking
Lead
Forward Voltage
Capacitance
HSMS-
Code
Code
Configuration
VF (mV)
CT (pF)
2860
T0
0
Single
250 Min.
350 Max.
0.30
2862
T2
2
Series Pair [1,2]
2863
T3
3
Common Anode[1,2]
2864
T4
4
Common Cathode[1,2]
2865
T5
5
Unconnected Pair [1,2]
Test Conditions
IF = 1.0 mA
VR = 0 V, f = 1 MHz
Notes:
1. ∆VF for diodes in pairs is 15.0 mV maximum at 1.0 mA.
2. ∆CT for diodes in pairs is 0.05 pF maximum at –0.5V.
SOT-323/SOT-363 DC Electrical Specifications, TC = +25°C, Single Diode
Part
Package
Typical
Number
Marking
Lead
Forward Voltage
Capacitance
HSMS-
Code
Code
Configuration
VF (mV)
CT (pF)
286B
T0
B
Single
250 Min.
350 Max.
0.25
286C
T2
C
Series Pair [1,2]
286E
T3
E
Common Anode[1,2]
286F
T4
F
Common Cathode[1,2]
286K
TK
K
High Isolation
Unconnected Pair
286L
TL
L
Unconnected Trio
286P
TP
P
Bridge Quad
286R
ZZ
R
Ring Quad
Test Conditions
IF = 1.0 mA
VR = 0 V, f = 1 MHz
Notes:
1. ∆VF for diodes in pairs is 15.0 mV maximum at 1.0 mA.
2. ∆CT for diodes in pairs is 0.05 pF maximum at –0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com