Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733YMF Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733YMF
Description  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733YMF Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2733YMF Datasheet HTML 8Page - Texas Instruments LM2733YMF Datasheet HTML 9Page - Texas Instruments LM2733YMF Datasheet HTML 10Page - Texas Instruments LM2733YMF Datasheet HTML 11Page - Texas Instruments LM2733YMF Datasheet HTML 12Page - Texas Instruments LM2733YMF Datasheet HTML 13Page - Texas Instruments LM2733YMF Datasheet HTML 14Page - Texas Instruments LM2733YMF Datasheet HTML 15Page - Texas Instruments LM2733YMF Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
DUTY CYCLE (%) = [1 - EFF*(VIN/VOUT))]
VIN = 5V
VIN = 3.3V
VIN = 2.7V
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
DUTY CYCLE (%) = [1 - EFF*(VIN/VOUT))]
VIN = 5V
VIN = 3.3V
VIN = 2.7V
LM2733
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Figure 27. 10 µH Inductor Current,
5V–12V Boost (LM2733X)
During the 0.390 µs ON time, the inductor current ramps up 0.176A and ramps down an equal amount during the
OFF time. This is defined as the inductor “ripple current”. It can also be seen that if the load current drops to
about 33 mA, the inductor current will begin touching the zero axis which means it will be in discontinuous mode.
A similar analysis can be performed on any boost converter, to make sure the ripple current is reasonable and
continuous operation will be maintained at the typical load current values.
MAXIMUM SWITCH CURRENT
The maximum FET swtch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in the graphs below which show both the typical and specified values of switch
current for both the "X" and "Y" versions as a function of effective (actual) duty cycle:
Figure 28. Switch Current Limit vs Duty Cycle - "X"
Figure 29. Switch Current Limit vs Duty Cycle - "Y"
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com