Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1P3L Datasheet(PDF) 13 Page - Texas Instruments

Part # SS1P3L
Description  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SS1P3L Datasheet(HTML) 13 Page - Texas Instruments

Back Button SS1P3L Datasheet HTML 9Page - Texas Instruments SS1P3L Datasheet HTML 10Page - Texas Instruments SS1P3L Datasheet HTML 11Page - Texas Instruments SS1P3L Datasheet HTML 12Page - Texas Instruments SS1P3L Datasheet HTML 13Page - Texas Instruments SS1P3L Datasheet HTML 14Page - Texas Instruments SS1P3L Datasheet HTML 15Page - Texas Instruments SS1P3L Datasheet HTML 16Page - Texas Instruments SS1P3L Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
R
1 =
VO
- 1
VREF
x R2
LM2736
www.ti.com
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
CATCH DIODE
The catch diode (D1) conducts during the switch off-time. A Schottky diode is recommended for its fast switching
times and low forward voltage drop. The catch diode should be chosen so that its current rating is greater than:
ID1 = IO x (1-D)
(22)
The reverse breakdown rating of the diode must be at least the maximum input voltage plus appropriate margin.
To improve efficiency choose a Schottky diode with a low forward voltage drop.
BOOST DIODE
A standard diode such as the 1N4148 type is recommended. For VBOOST circuits derived from voltages less than
3.3V, a small-signal Schottky diode is recommended for greater efficiency. A good choice is the BAT54 small
signal diode.
BOOST CAPACITOR
A ceramic 0.01µF capacitor with a voltage rating of at least 6.3V is sufficient. The X7R and X5R MLCCs provide
the best performance.
OUTPUT VOLTAGE
The output voltage is set using the following equation where R2 is connected between the FB pin and GND, and
R1 is connected between VO and the FB pin. A good value for R2 is 10kΩ.
(23)
PCB Layout Considerations
When planning layout there are a few things to consider when trying to achieve a clean, regulated output. The
most important consideration when completing the layout is the close coupling of the GND connections of the CIN
capacitor and the catch diode D1. These ground ends should be close to one another and be connected to the
GND plane with at least two through-holes. Place these components as close to the IC as possible. Next in
importance is the location of the GND connection of the COUT capacitor, which should be near the GND
connections of CIN and D1.
There should be a continuous ground plane on the bottom layer of a two-layer board except under the switching
node island.
The FB pin is a high impedance node and care should be taken to make the FB trace short to avoid noise pickup
and inaccurate regulation. The feedback resistors should be placed as close as possible to the IC, with the GND
of R2 placed as close as possible to the GND of the IC. The VOUT trace to R1 should be routed away from the
inductor and any other traces that are switching.
High AC currents flow through the VIN, SW and VOUT traces, so they should be as short and wide as possible.
However, making the traces wide increases radiated noise, so the designer must make this trade-off. Radiated
noise can be decreased by choosing a shielded inductor.
The remaining components should also be placed as close as possible to the IC. Please see Application Note
AN-1229 SNVA054 for further considerations and the LM2736 demo board as an example of a four-layer layout.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com