Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS50-3/HD Datasheet(PDF) 2 Page - TDK Electronics

Part # HWS50-3/HD
Description  Single Output Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HWS50-3/HD Datasheet(HTML) 2 Page - TDK Electronics

  HWS50-3/HD Datasheet HTML 1Page - TDK Electronics HWS50-3/HD Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
64
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B4: Nov 2011
HWS50-1500/HD Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/hws-series.htm
Suffix
Description
Blank
No Cover (HWS50-150 Only)
HWS300-1500 the cover is fitted as standard
/HDA
The cover option for HWS50-150 is special order only
HWS300-1500 the cover is fitted as standard
/RYHD
ISA 12.12.01 (UL1604) - Class 1 Div 2 with dry contact relay
DC Good signal (300W, 600W and 1500W 24V output models
only, no remote on/off function.)
Options
LZSA
500W to 1500W Single output
DPP, DLP, DSP
10W to 960W DIN Rail Mount
PFE
300 to 1000W AC-DC Power Models
Other Industrial Products
Adjust
Max
Peak
Max
Load
Line
Ripple Overvoltage Efficiency
Model
Voltage
Range
Curr(A)
Curr(A)4
Power(W) Reg(mV) Reg(mV) Noise(mV)
(V)
(typ)%1
HWS50-3/HD
3.3V
2.97 - 3.96
10
-
33
40
20
120
4.13-4.95
76/78
HWS100-3/HD
3.3V
2.97 - 3.96
20
-
66
40
20
120
4.13-4.95
78/81
HWS150-3/HD
3.3V
2.97 - 3.96
30
-
99
40
20
120
4.13-4.95
78/81
HWS300-3/HD
3.3V
2.64 - 3.96
60
-
198
30
20
120
4.13-4.95
74/77
HWS600-3/HD
3.3V
2.64 - 3.96
120
-
396
30
20
120
4.13-4.95
75/78
HWS1000-3/HD
3.3V
2.64 - 3.96
200
-
660
40
20
120
4.12-4.62
71/73
HWS1500-3/HD
3.3V
2.64 - 3.96
300
-
990
60
36
150
4.12-4.62
72/75
HWS50-5/HD
5V
4.0 - 6.0
10
-
50
40
20
120
6.25-7.25
82/84
HWS100-5/HD
5V
4.0 - 6.0
20
-
100
40
20
120
6.25-7.25
83/86
HWS150-5/HD
5V
4.0 - 6.0
30
-
150
40
20
120
6.25-7.25
83/86
HWS300-5/HD
5V
4.0 - 6.0
60
-
300
30
20
120
6.25-7.25
79/82
HWS600-5/HD
5V
4.0 - 6.0
120
-
600
30
20
120
6.25-7.25
80/83
HWS1000-5/HD
5V
4.0 - 6.0
200
-
1000
40
20
120
6.25-7
76/78
HWS1500-5/HD
5V
4.0 - 6.0
300
-
1500
60
36
150
6.25-7
77/81
HWS1000-6/HD
6V
4.8 - 7.2
167
-
1002
60
36
150
7.5-8.4
79/81
HWS1000-7/HD
7.5V
6.0 - 9.0
134
160
1005
60
36
150
9.37-10.5
80/82
HWS50-12/HD
12V
9.6 - 14.4
4.3
-
51.6
96
48
150
15-17.4
81/83
HWS100-12/HD
12V
9.6 - 14.4
8.5
-
102
96
48
150
15-17.4
83/86
HWS150-12/HD
12V
9.6 - 14.4
13
-
156
96
48
150
15-17.4
83/86
HWS300-12/HD
12V
9.6 - 14.4
27
-
324
72
48
150
15-17.4
80/83
HWS600-12/HD
12V
9.6 - 14.4
53
-
636
72
48
150
15-17.4
80/83
HWS1000-12/HD 12V
9.6 - 14.4
88
100
1056
100
48
150
15-17.4
82/85
HWS1500-12/HD 12V
9.6 - 14.4
125
-
1500
72
48
150
15-17.4
82/85
HWS50-15/HD
15V
12.0 - 18.0
3.5
-
52.5
120
60
150
18.8-21.8
81/83
HWS100-15/HD
15V
12.0 - 18.0
7
-
105
120
60
150
18.8-21.8
83/86
HWS150-15/HD
15V
12.0 - 18.0
10
-
150
120
60
150
18.8-21.8
83/86
HWS300-15/HD
15V
12.0 - 18.0
22
-
330
90
60
150
18.8-21.8
80/83
HWS600-15/HD
15V
12.0 - 18.0
43
-
645
90
60
150
18.8-21.8
81/84
HWS1000-15/HD 15V
12.0 - 18.0
70
80
1500
120
60
150
18.7-21.8
83/85
HWS1500-15/HD 15V
12.0 - 18.0
100
-
1500
90
60
150
18.7-21.8
83/87
HWS50-24/HD
24V
19.2 - 28.8
2.2
-
52.8
192
96
150
30-34.8
82/84
HWS100-24/HD
24V
19.2 - 28.8
4.5
-
108
192
96
150
30-34.8
84/87
HWS150-24/HD
24V
19.2 - 28.8
6.5
-
156
192
96
150
30-34.8
85/88
HWS300-24/HD
24V
19.2 - 28.8
14
16.5
336
144
96
150
30-34.8
82/85
HWS600-24/HD
24V
19.2 - 28.8
27
31
648
144
96
150
30-34.8
82/85
HWS1000-24/HD 24V
19.2 - 28.8
46
58.5
1104
150
96
150
30-34.8
85/87
HWS1500-24/HD 24V
19.2 - 28.8 65/70 (1)
105
1560
144
96
200
30-34.8
84/88
HWS1000-36/HD 36V
28.8 - 43.2
30.7
39
1104
150
144
200
45-49.7
85/88
HWS1500-36/HD 36V
28.8 - 43.2 42/46.5(2)
70
1512
150
144
200
45-49.7
84/88
HWS50-48/HD
48V
38.4 - 52.8
1.1
-
52.8
384
192
200
55.2-64.8
83/85
HWS100-48/HD
48V
38.4 - 52.8
2.1
-
100.8
384
192
200
55.2-64.8
84/87
HWS150-48/HD
48V
38.4 - 52.8
3.3
-
158.4
384
192
200
55.2-64.8
85/88
HWS300-48/HD
48V
38.4 - 52.8
7
-
336
288
192
350
55.2-64.8
82/85
HWS600-48/HD
48V
38.4 - 52.8
13
-
624
288
192
350
55.2-64.8
83/86
HWS1000-48/HD 48V
38.4 - 52.8
28
29.2
1104
300
192
200
55.2-60
86/88
HWS1500-48/HD 48V
38.4 - 52.8
32
-
1536
288
192
200
55.2-64.8
86/90
HWS1000-60/HD 60V
48.0 - 66.0
18.4
23.4
1104
360
240
400
69-75
85/88
Output Ratings
(4) 200-265VAC Input, 10s maximum on time, 35% duty cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com