Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALM-11036 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-11036
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-11036 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-11036 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-11036 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Voltage,
RF output to ground
V
5.5
Pin,max
CW RF Input Power
(Vdd = 5.0 V, Idd = 100 mA)
dBm
+15
Pdiss
Total Power Dissipation [3]
W
0.715
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2]
(Vdd = 5.0 V, Idd = 100 mA) θjc = 83.1 °C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
measurement technique.
3. Power dissipation with unit turned on. Board
temperature Tc is 25° C. Derate at 12.3 mW/°C
for TC > 92° C.
Electrical Specifications [1, 4]
RF performance at TA = 25° C, Vdd = 5 V, 849 MHz, measured on demo board in Figure 1 with component listed in Table 1
for DC bypass.
Symbol
Parameter and Test Condition
Frequency (MHz)
Units
Min.
Typ.
Max.
Idd
Drain Current
mA
75
92
107
Gain
Gain
776
849
dB
–
14.2
15.4
15.6
–
17.2
IRL
Input Return Loss, 50
Ω source
dB
–
30
–
ORL
Output Return Loss, 50
Ω load
dB
–
26
–
NF [2]
Noise Figure
776
849
dB
–
–
0.84
0.78
–
0.95
IIP3 [3]
Input Third Order Intercept Point
dBm
18.7
21.3
–
IP1dB
Input Power at 1 dB Gain Compression
dBm
2.85
4
–
Bypass IL
Bypass Insertion Loss, 50
Ω load Vdd = 0 V
776
849
dB
–
–
0.7
0.82
–
1.1
Bypass IRL
Input Return Loss, 50
Ω source Vdd = 0 V
dB
–
35
–
Bypass ORL
Output Return Loss, 50
Ω load Vdd = 0 V
dB
–
35
–
ISOL
Bypass Isolation @LNA ON Vdd = 5 V
dB
–
54
–
Notes:
1. Measurements at 849 MHz obtained using demo board described in Figure 1.
2. For NF data, board losses of the input have not been de-embedded.
3. IIP3 test condition: FRF1 = 849 MHz, FRF2 = 850 MHz with input power of -15 dBm per tone.
4. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com