Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-684P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-684P8
Description  Low Noise Active Bias Low Noise Amplifi er
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-684P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-684P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-684P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Rating [1] TA=25° C
Symbol
Parameter
Units
Absolute Maximum
Vdd
Device Voltage,
RF output to ground
V
5.5
Vbias
Gate Voltage
V
0.7
Idd
Drain Current
mA
90
Pin,max
CW RF Input Power
(Vdd = 5.0 V, Id = 50 mA)
dBm
+20
Pdiss
Total Power Dissipation [2]
W
0.5
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [3]
(Vdd = 5.0 V, Idd = 35 mA per channel),
jc = 62°C/W per channel
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
Measurement Technique.
3. Power dissipation with unit turned on. Board
temperature TB is 25° C. Derate at 16 mW/°C
for TB > 119° C.
Electrical Specifications [1], [4]
RF performance at TA = 25° C, Vdd = 5 V, Rbias = 6.8 kOhm, 1.9 GHz, measured on demo board in Figure 5 with component
list in Table 1 for 1.9 GHz matching.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Idd
Drain Current
mA
23
35.2
47
Gain
Gain
dB
16.1
17.6
19.1
OIP3 [2]
Output Third Order Intercept Point
dBm
29
32.4
NF [3]
Noise Figure
dB
0.56
0.8
OP1dB
Output Power at 1dB Gain Compression
dBm
22
IRL
Input Return Loss, 50
 source
dB
21
ORL
Output Return Loss, 50
 load
dB
12
REV ISOL
Reverse Isolation
dB
30
Notes:
1. Measurements at 1.9 GHz obtained using demo board described in Figure 1.
2. OIP3 test condition: FRF1 = 1.9 GHz, FRF2 = 1.901 GHz with input power of -10 dBm per tone.
3. For NF data, board losses of the input have not been de-embedded.
4. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com