Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-31389 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31389
Description  0.1W High Gain Driver Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31389 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MGA-31389 Absolute Maximum Rating (1) TA=25° C
Symbol
Parameter
Units
Absolute Max.
Vd, max
Drain Voltage, RF output to ground
V
5.5
Pd
Power Dissipation (2)
mW
605
Pin
CW RF Input Power
dBm
20
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance (3)
(Vd = 5.0 V, Tc= 85° C), θjc = 60.0° C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Source lead temperature is 25° C. Derate 16.7
mW/° C for TL>128.0° C.
3. Thermal resistance measured using 150° C
Infra-Red Microscopy Technique.
MGA-31389 Electrical Specification (1)
TC = 25° C, Vd = 5 V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Ids
Quiescent Current
N/A
mA
62
73
90
NF
Noise Figure
0.45 GHz
0.9 GHz
1.5 GHz
dB
–
2.3
2.0
2.0
2.5
Gain
Gain
0.45 GHz
0.9 GHz
1.5 GHz
dB
20
21.5
21.3
20.6
23
OIP3 (2)
Output Third Order Intercept Point
0.45 GHz (2)
0.9 GHz (2)
1.5 GHz (2)
dBm
36.3
38.6
38.6
41.3
–
P1dB
Output Power at 1 dB Gain Compression
0.45 GHz
0.9 GHz
1.5 GHz
dBm
20.6
22.0
22.2
21.7
–
PAE
Power Added Efficiency at P1dB
0.45 GHz
0.9 GHz
1.5 GHz
%
–
41.0
41.2
38.4
–
IRL
Input Return Loss
0.45 GHz
0.9 GHz
1.5 GHz
dB
–
24.3
30.5
15.3
–
ORL
Output Return Loss
0.45 GHz
0.9 GHz
1.5 GHz
dB
–
11.4
14.7
12.1
–
ISOL
Isolation
0.45 GHz
0.9 GHz
1.5 GHz
dB
–
27.2
27.6
28.6
–
Note :
1. Measurements obtained from a test circuit described in Figure 34
2. OIP3 test condition: F1 - F2 = 10 MHz, with input power of -14 dBm per tone measured at worst case side band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com