Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-31489 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489
Description  0.1W High Gain Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31489 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
MGA-31489 Absolute Maximum Rating [1] TA=25° C
Symbol
Parameter
Units
Absolute Max.
Vd, max
Drain Voltage, RF output to ground
V
5.5
Pd
Power Dissipation (2)
mW
605
Pin
CW RF Input Power
dBm
20
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [3]
(Vd = 5.0 V, Tc= 85° C), θjc = 51.7° C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Source lead temperature is 25° C. Derate 19.3
mW/° C for TL>131.4° C.
3. Thermal resistance measured using 150° C
Infra-Red Microscopy Technique.
MGA-31489 Electrical Specification [1]
TC = 25° C, Vd = 5 V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Ids
Quiescent Current
N/A
mA
57
69
84
NF
Noise Figure
1.9 GHz
2.5 GHz
dB
–
1.9
2.0
2.35
Gain
Gain
1.9 GHz
2.5 GHz
dB
18.2
19.5
20.5
21.2
OIP3 (2)
Output Third Order Intercept Point
1.9 GHz (2)
2.5 GHz (2)
dBm
34.8
37.3
37.2
–
P1dB
Output Power at 1 dB Gain Compression
1.9 GHz
2.5 GHz
dBm
20.1
21.9
22.2
–
PAE
Power Added Efficiency at P1dB
1.9 GHz
2.5 GHz
%
–
39.1
40.2
–
IRL
Input Return Loss
1.9 GHz
2.5 GHz
dB
–
17.2
15.9
–
ORL
Output Return Loss
1.9 GHz
2.5 GHz
dB
–
10.1
18.5
–
ISOL
Isolation
1.9 GHz
2.5 GHz
dB
–
27.0
29.3
–
Note :
1. Measurements obtained from a test circuit described in Figure 25.
2. OIP3 test condition: F1 - F2 = 10 MHz, with input power of -12 dBm per tone measured at worst case side band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com