Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06CFS1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 06CFS1
Description  Switch with IEC Connector Compact Size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06CFS1 Datasheet(HTML) 1 Page - Tyco Electronics

  06CFS1 Datasheet HTML 1Page - Tyco Electronics 06CFS1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch with IEC Connector Compact Size
Two function power entry module combining a DPST switch
and an IEC 320 power line connector. Compact packaging
allows a smaller panel cutout with choice of snap-in or
flange mounting. Available with general purpose filtering (F
models - CFS, CFE), medical application filtering (H models
- CHS, CHE) or unfiltered (CS, CE). Terminals allow for easy
connection to any wiring scheme. Preconnected terminals
from line to switch are available (B Models - CBS, CBE) for
reducing OEM wiring time.
The medical versions (H models) are designed specifically
for health care applications. Their extremely low leakage
current allows compliance with UL544 and UL2601 as well
as CSA22.2 health care specifications for use with both
patient and non-patient care equipment. For more
information on UL544 or UL2601, see Appendix C.
Note: When using the models with an IEC connector,
remember that the leakage current of the companion line
cord, GA400, is more significant than that of the filter -
which may disqualify this line cord from use in patient care
applications.
Specifications
Maximum leakage current, each line to ground: †
F Models
H Models
@120 VAC 60 Hz:
.25 mA
2 µA
@250 VAC 50 Hz:
.40 mA
5 µA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage:
250 VAC
Operating voltages:
115/230 VAC
Switch:
Double-insulated rated
for 10,000 operations
at full load.
51 Amp inrush capability.
Unfiltered Push-on Force:
18 lb/80 N
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency MHz
Rating
0.05
0.15
0.5
1
5
10
30
F Models
0 1A
10
26
46
48
46
47
46
0 3A
8
16
32
36
43
48
50
0 6A
4
11
22
27
36
41
50
10A
1
4
14
18
27
33
42
H Models
0 1A
16
21
37
44
26
21
10
0 3A
9
14
31
32
26
24
14
0 6A
4
10
22
23
19
18
13
10A
2
6
10
15
11
11
9
Line-to-line in 50 ohm circuit
Current
Frequency MHz
Rating
0.05
0.15
0.5
1
5
10
30
F Models
0 1A
1
3
13
28
62
67
42
0 3A
2
6
14
23
65
65
67
0 6A
2
6
14
27
46
48
58
10A
1
7
14
23
42
44
62
H Models
0 1A
1
6
13
29
38
42
26
0 3A
1
5
10
22
36
34
36
0 6A
1
5
14
20
31
33
37
10A
1
4
11
19
32
37
38
110
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
C Series
C Series
CORCOM Product Guide
UL Recognized
CSA Certified
VDE Approved
CFS
CS
Electrical Schematics
Resistor location for reference only.
F Models (CFS, CFE)
H Models (CHS, CHE)
LINE
LOAD
LINE
LOAD
B Models (CBS, CBE)
N
Power On/Off
L
G
L
G
N
Note 1: Jumpers provided on CBS and CBE versions only.
Note 2: Location of optional filter
Note 1
Note 1
Note 2
Note 2
†Applies to Filtered models only.


Similar Part No. - 06CFS1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
06CFS1 MACOM-06CFS1 Datasheet
89Kb / 2P
Switch with IEC Connector Compact Size
More results

Similar Description - 06CFS1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1CFS1 MACOM-1CFS1 Datasheet
89Kb / 2P
Switch with IEC Connector Compact Size
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
logo
List of Unclassifed Man...
BPC-D5204-FL ETC2-BPC-D5204-FL Datasheet
330Kb / 2P
Fanless design with compact size
BPC-D5205-FL ETC2-BPC-D5205-FL Datasheet
268Kb / 2P
Fanless design with compact size
logo
Delta Electronics, Inc.
03NB4 DELTA-03NB4 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
04SB4 DELTA-04SB4 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
06AB2D DELTA-06AB2D Datasheet
62Kb / 1P
COMPACT IEC CONNECTOR FILTERS
10SB3S DELTA-10SB3S Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
logo
ORing Industrial Networ...
TES-180-M12 ORING-TES-180-M12 Datasheet
414Kb / 4P
Compact Size 8-port unmanaged Ethernet switch
logo
C&K Components
NANOT CK-COMPONENTS-NANOT Datasheet
201Kb / 2P
The Most Compact Nano Size Tact Switch
5 Jul 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com