Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLV4212 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLV4212
Description  Violet Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLV4212 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLV4212 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLV4212 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLV4212 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
25.09.2013
RLV4212
1 of 3
RLV4212
TECHNICAL DATA
Violet Laser Diode
Features
• Peak Wavelength: 405 nm
• Optical Output Power: 120 mW
• Package: 5.6 mm, without Photodiode
Electrical Connection
Pin Configuration
Bottom View
PIN
Function
1
LD Anode
2
Case
3
LD Cathode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
CW Output Power
PO
100
mW
LD Reverse Voltage
VR (LD)
5
V
PD Reverse Voltage
VR (PD)
20
V
Operating Case Temperature
TC
-10 … +70
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
-
120
mW
Peak Wavelength *
λ
P
400
405
410
nm
FWHM Beam Divergence
θ║
7.0
9.0
12.0
deg
θ┴
15.0
19.5
23.0
deg
Emission Point Accuracy
Angle
Δθ║
-2.0
-
2.0
deg
Δθ┴
-2.5
-
2.5
deg
Electrical Specifications
Threshold Current
Ith
-
35
50
mA
Operating Current
Iop
-
120
150
mA
Slope Efficiency
η
1.2
1.4
1.9
W/A
Operating Voltage
Uop
-
4.8
5.5
V
* Measuring specifications.
Not guaranteed for accuracy.
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - RLV4212

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLV430 VISHAY-RLV430 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
logo
Roithner LaserTechnik G...
RLV4313 ROITHNER-RLV4313 Datasheet
508Kb / 4P
Violet Laser Diode
logo
Vishay Siliconix
RLV470 VISHAY-RLV470 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
More results

Similar Description - RLV4212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDHV310APB ETC1-NDHV310APB Datasheet
324Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4313 NICHIA-NDV4313 Datasheet
171Kb / 3P
Violet Laser Diode
NDV4316E NICHIA-NDV4316E Datasheet
396Kb / 3P
Violet Laser Diode
NDV4916E NICHIA-NDV4916E Datasheet
373Kb / 3P
Violet Laser Diode
NDV4B16-E NICHIA-NDV4B16-E Datasheet
201Kb / 3P
Violet Laser Diode
NDV4916E-E NICHIA-NDV4916E-E Datasheet
201Kb / 3P
Violet Laser Diode
NDV7116-E NICHIA-NDV7116-E Datasheet
155Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
LD-450-80MG ROITHNER-LD-450-80MG Datasheet
354Kb / 3P
Violet Laser Diode
RLT405200MGS ROITHNER-RLT405200MGS Datasheet
439Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4916 NICHIA-NDV4916 Datasheet
167Kb / 3P
Violet Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com