Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLV4313 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLV4313
Description  Violet Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLV4313 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLV4313 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLV4313 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLV4313 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLV4313 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
25.09.2013
RLV4313
1 of 4
RLV4313
TECHNICAL DATA
Violet Laser Diode
Features
• Peak Wavelength: 405 nm
• Optical Output Power: 120 mW
• Package: 5.6 mm, with Photo Diode
Electrical Connection
Pin Configuration
Bottom View
m-type
PIN
Function
1
LD Anode
2
LD Cathode, PD Cathode
3
PD Anode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
CW Output Power
PO
140
mW
LD Reverse Voltage
VR (LD)
5
V
PD Reverse Voltage
VR (PD)
20
V
Operating Case Temperature
TC
-10 … +70
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
-
120
mW
Peak Wavelength *
λ
P
400
405
410
nm
FWHM Beam Divergence
θ║
7.0
9.0
12.0
deg
θ┴
15.0
19.5
23.0
deg
Emission Point Accuracy
Angle
Δθ║
-2.0
-
2.0
deg
Δθ┴
-2.5
-
2.5
deg
Electrical Specifications
Threshold Current
Ith
-
35
50
mA
Operating Current
Iop
-
120
150
mA
Slope Efficiency
η
1.2
1.4
1.9
W/A
Operating Voltage
Uop
-
4.8
5.5
V
Monitor Current **
Im
0.2
0.4
0.7
mA
* Measuring specifications.
** Monitor Current is short time power reference purpose only.
Not guaranteed for accuracy.
The above specifications are for reference purpose only and subjected to change without prior notice.
Length of pins: 3mm


Similar Part No. - RLV4313

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLV430 VISHAY-RLV430 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
More results

Similar Description - RLV4313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDHV310APB ETC1-NDHV310APB Datasheet
324Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4313 NICHIA-NDV4313 Datasheet
171Kb / 3P
Violet Laser Diode
NDV4316E NICHIA-NDV4316E Datasheet
396Kb / 3P
Violet Laser Diode
NDV4916E NICHIA-NDV4916E Datasheet
373Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
RLV4212 ROITHNER-RLV4212 Datasheet
178Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4B16-E NICHIA-NDV4B16-E Datasheet
201Kb / 3P
Violet Laser Diode
NDV4916E-E NICHIA-NDV4916E-E Datasheet
201Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
LD-450-80MG ROITHNER-LD-450-80MG Datasheet
354Kb / 3P
Violet Laser Diode
RLT405200MGS ROITHNER-RLT405200MGS Datasheet
439Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4916 NICHIA-NDV4916 Datasheet
167Kb / 3P
Violet Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com