Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD1819ART1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSD1819ART1
Description  NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSD1819ART1 Datasheet(HTML) 2 Page - Motorola, Inc

  MSD1819ART1 Datasheet HTML 1Page - Motorola, Inc MSD1819ART1 Datasheet HTML 2Page - Motorola, Inc MSD1819ART1 Datasheet HTML 3Page - Motorola, Inc MSD1819ART1 Datasheet HTML 4Page - Motorola, Inc MSD1819ART1 Datasheet HTML 5Page - Motorola, Inc MSD1819ART1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSD1819A-RT1 MSD1819A-ST1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Derating Curve
250
200
150
100
50
0
– 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
Figure 2. IC – VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 5. On Voltage
IC, COLLECTOR CURRENT (mA)
60
0
50
40
30
20
10
0
2
4
6
8
TA = 25°C
160
µA
140
µA
120
µA
100
µA
80
µA
60
µA
40
µA
IB = 20 µA
1000
0.1
100
10
1
10
100
TA = 25°C
TA = – 25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80
100
150
200
TA = 25°C
VCE = 5 V
0
R
θJA = 833°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com