Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDG326P Datasheet(PDF) 2 Page - Texas Instruments

Part # FDG326P
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDG326P Datasheet(HTML) 2 Page - Texas Instruments

  FDG326P Datasheet HTML 1Page - Texas Instruments FDG326P Datasheet HTML 2Page - Texas Instruments FDG326P Datasheet HTML 3Page - Texas Instruments FDG326P Datasheet HTML 4Page - Texas Instruments FDG326P Datasheet HTML 5Page - Texas Instruments FDG326P Datasheet HTML 6Page - Texas Instruments FDG326P Datasheet HTML 7Page - Texas Instruments FDG326P Datasheet HTML 8Page - Texas Instruments FDG326P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS75003-EP
SGLS311A
– DECEMBER 2006 – REVISED MARCH 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PRODUCT
VOUT
Buck1: Adjustable
TPS75003MRHLREP
Buck2: Adjustable
LDO: Adjustable
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this document or
see the Texas Instruments website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
TPS75003
UNIT
VINX range (IN1, IN2, IN3)
-0.3 to +7
V
VENX range (EN1, EN2, EN3)
-0.3 to VINX + 0.3
V
VSWX range (SW1, SW2, SW3)
-0.3 to VINX + 0.3
V
VISX range (IS1, IS2, IS3)
-0.3 to VINX + 0.3
V
VOUT3 range
-0.3 to +7
V
VSSX range (SS1, SS2, SS3)
-0.3 to VINX + 0.3
V
VFBX range (FB1, FB2, FB3)
-0.3 to +3.3
V
Peak LDO output current (IOUT3)
Internally limited
—
Continuous total power dissipation
See the Thermal Information Table
—
Junction temperature range, TJ
-55 to +150
°C
Storage temperature range
-65 to +150
°C
ESD rating, HBM
1
kV
ESD rating, CDM
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
2
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS75003-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com