Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 71 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 71 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 67Page - Tyco Electronics ADE10SA Datasheet HTML 68Page - Tyco Electronics ADE10SA Datasheet HTML 69Page - Tyco Electronics ADE10SA Datasheet HTML 70Page - Tyco Electronics ADE10SA Datasheet HTML 71Page - Tyco Electronics ADE10SA Datasheet HTML 72Page - Tyco Electronics ADE10SA Datasheet HTML 73Page - Tyco Electronics ADE10SA Datasheet HTML 74Page - Tyco Electronics ADE10SA Datasheet HTML 75Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 326 page
background image
B43
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
SLS Series
Slide Switches, Miniature, Rolling Contact, Economy Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver over nickel plate over copper alloy
Case Material ..........................Tin plate over steel
Actuator Material ....................Polycarbonate
Terminals/Fixed Contacts........Silver over nickel plate over copper alloy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............14°F to +185°F (-10°C to +85°C)
Storage Temperature................14°F to +185°F (-10°C to +85°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................250 mA @ 125 VAC, 150 mA @ 12 VDC
Initial Contact Resistance ........30 Milliohms max.
Contact Timing ........................Break before make
Insulation Resistance ..............500 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................340 ± 57 Grams
Actuator Travel........................0.126” (3.20)
Life Expectancy ......................Up to 6,000 to 10,000 Cycles
SPDT
SPDT
SPDT
SPDT
SLS121
POS.1
POS.2
.126
(3.20)
.197
(5.00)
.134
(3.40)
.590
(14.99)
.083
(2.10)
DIA.
TYP.
.433
(11.00)
.181
(4.60)
.220
(5.59)
.260
(6.60)
.748
(19.00)
.126
(3.20)
.047
(1.19)
.197
(5.00)
.169
(4.30)
.020
(0.51)
.126
(3.20)
.042
(1.10)
Dia.
POS.1
.126
(3.20)
POS.2
.433
(11.00)
.134
(3.40)
.126
(3.20)
.047
(1.19)
.020
(0.51)
TYP.
.197
(5.00)
.126
(3.20)
.197
(5.00)
.169
(4.30)
.260
(6.60)
.220
(5.59)
.042
(1.10)
Dia.
SLS1211
SLS121RA
.260
(6.60)
.220
(5.59)
.433
(11.00)
POS.1
.126
(3.20)
POS.2
.126
(3.20)
.197
(5.00)
.283
(7.19)
.295
(7.49)
.031
(.80)
.126
(3.20)
.134
(3.40)
.163
(4.14)
.019
(0.48)
.042
(1.10)
Dia.
Part Number
Tyco Electronics Alcoswitch Mounting Style
1-1437577-9
SLS121PC
Printed Circuit
Part Number
Tyco Electronics Alcoswitch Mounting Style
2-1437577-2
SLS121RA
Right Angle PC
Part Number
Tyco Electronics Alcoswitch Mounting Style
1-1437577-8
SLS1211
Printed Circuit
Part Number
Tyco Electronics Alcoswitch Mounting Style
1-1437577-7
SLS121
Panel Mounted
.260
(6.60)
.134
(3.40)
POS.1
.126
(3.20)
.042
(1.10)
Dia.
POS.2
.126
(3.20)
.020
(0.51)
.220
(5.59)
.110
(2.79)
.197
(5.00)
.134
(3.40)
.032
(0.81)
.126
(3.20)
.170
(4.32)
.197
(5.00)
.433
(11.0)
SLS121PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com