Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 161 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 161 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 157Page - Tyco Electronics ADE10SA Datasheet HTML 158Page - Tyco Electronics ADE10SA Datasheet HTML 159Page - Tyco Electronics ADE10SA Datasheet HTML 160Page - Tyco Electronics ADE10SA Datasheet HTML 161Page - Tyco Electronics ADE10SA Datasheet HTML 162Page - Tyco Electronics ADE10SA Datasheet HTML 163Page - Tyco Electronics ADE10SA Datasheet HTML 164Page - Tyco Electronics ADE10SA Datasheet HTML 165Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 326 page
background image
E16
E
E16
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FSM100-104 Series
Tactile Switches, .472 [12] x .472 [12], Flush or Extended Actuators
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver clad plate
Case..........................................PBT
Actuator Button ......................Polyacetal Resin
Cover........................................PET film
Terminals ................................Copper alloy, silver plate
Frame (R/A) ............................Nylon
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............4°F to +185°F (-20°C to +85°C)
Storage Temperature................-22°F to +185°F (-30°C to +85°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @100 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................See below
Actuator Travel........................0.012"(0.3)
Life Expectancy ......................Up to 100,000 cycles
.264
(6.70)
.472
(12.00)
.154
(3.90)
.169
(4.30)
.039
(1.00)
.197
(5.00)
.138
(3.50)
.197
(5.0 )
.492
(12.5)
.051
(1.30)
TYP.
.071
(1.8)
.492
(12.50)
.555
(14.10 )
.02
(0.5)
264
(6.70)
.472
(12.00)
.154
(3.90)
A
.039
(1.00)
.197
(5.00)
.138
(3.50)
.197
(5.0)
.492
(12.5)
.051
(1.30)
TYP.
.071
(1.8)
.492
(12.50 )
.555
(14.10 )
.019
(0.48)
FSM100
FSM101
Tyco
Alcoswitch
Type
Force
Dim A
Electronics
1437565-3
FSM101
SPST
Off
(On)
160±50gf
.295 [7.5mm]
1571140-1
FSM201A
SPST
Off
(On)
260±50gf
.335 [8.5mm]
(On) indicates momentary position.
Tyco
Alcoswitch
Type
Force
Electronics
1437565-2
FSM100
SPST
Off
(On)
160±50gf
1571139-1
FSM100A
SPST
Off
(On)
260±50gf
(On) indicates momentary position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com