Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 199 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 199 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 195Page - Tyco Electronics ADE10SA Datasheet HTML 196Page - Tyco Electronics ADE10SA Datasheet HTML 197Page - Tyco Electronics ADE10SA Datasheet HTML 198Page - Tyco Electronics ADE10SA Datasheet HTML 199Page - Tyco Electronics ADE10SA Datasheet HTML 200Page - Tyco Electronics ADE10SA Datasheet HTML 201Page - Tyco Electronics ADE10SA Datasheet HTML 202Page - Tyco Electronics ADE10SA Datasheet HTML 203Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 326 page
background image
Power Rocker Switches Series PRD
F24
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
1.00 [25.4] x 1.09 [27.6] Panel Cutout
Product Facts
n Easy to install snap-in
mounting
n Full illuminated rocker
option
n Wide range of marking
options and functions
available
n FASTON .250 Tab terminals
n Cost competitive
.063
±.008
[1.6
±0.2]
.992
±.008
[25.2
±0.2]
.031
[0.80]
0.89
[22.5]
1.28
±.04
[32.5
±1.0]
.37
±.02
[9.3
±0.5]
1.078
±.008
[27.4
±0.2]
.250
±.004
[6.35
±0.1]
.472
±.020
[12.0
±0.5]
FASTON Tab
Terminal
Rocker Button
Switch
Frame
.19
±.02
[4.8
±0.5]
1.24
[31.5]
1.15
[29.3]
Tyco
Alcoswitch
Electronics
1571103-1
PRDDA1-16F-BB000
1571103-2
PRDDA1-16F-BB0BW
1571103-3
PRDDA1-16F-BB0CW
1571103-4
PRDDA1-16F-BR000
1571103-5
PRDDA1-16F-BB0HW
1571103-6
PRDDA1-16F-BR0HW
1571113-7
PRDDD3-16F-BR000
Tyco
Alcoswitch
Electronics
1571112-1
PRDDB1-16F-BR000
1571112-2
PRDDB1-16F-BA000
1571113-1
PRDDD1-16F-BB000
1571113-2
PRDDD1-16F-BB0DW
1571113-3
PRDDD1-16F-BB0EW
1571113-4
PRDDD3-16F-BB000
1571113-5
PRDDD3-16F-BB0FW
1571113-6
PRDDD3-16F-BB0GW
PR
D
D
XX
XX
XX
X
X
Switch Functions
A1 ON-OFF; opaque, single-color rocker button
B1 ON-OFF; transparent, lamp-illuminated rocker button
(100-125 V lamp voltage)
B3 ON-OFF; transparent, lamp-illuminated rocker button
(200-250 V lamp voltage)
D1 ON-ON; opaque, single-color rocker button
D3 ON-OFF-ON; opaque, single-color rocker button
G
Green
R
Red
W
White
Number of Poles
S
Double Pole
Panel Cut-out Size
B
1.00 [25.4] x 1.09 [27.6]
Switch Type
PR Power Rockers
Secondary Rocker Color, Window Color, or LED Color
0 Not Applicable
Frame Color
B
Black
W White
Rocker Color
A
Amber
B
Black
C
Clear
Terminal Type
F
FASTON Tab
Power Rating
16
16A, 1/3 Hp @ 125 VAC
10A, 1/2 Hp @ 250 VAC
X
Legend Text Pattern
0 Not Applicable
A Dot
B o --
C o |
D - =
E | ||
F - o =
G | o ||
H ON OFF
X
Legend Text Color
0 Not Applicable
B Black
G Green
R Red
W White
—
—
Part No.
Alcoswitch Part Number
* Refer to Pages F21 for
Product Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com