Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 214 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 214 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 210Page - Tyco Electronics ADE10SA Datasheet HTML 211Page - Tyco Electronics ADE10SA Datasheet HTML 212Page - Tyco Electronics ADE10SA Datasheet HTML 213Page - Tyco Electronics ADE10SA Datasheet HTML 214Page - Tyco Electronics ADE10SA Datasheet HTML 215Page - Tyco Electronics ADE10SA Datasheet HTML 216Page - Tyco Electronics ADE10SA Datasheet HTML 217Page - Tyco Electronics ADE10SA Datasheet HTML 218Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 326 page
background image
SKT Series
2 Position Key Switch
H3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
H
MATERIAL SPECIFICATIONS
Contacts
Gold or silver plate
Cylinder Material ..............................Zinc alloy
Lock Body..........................................Zinc alloy
Key Material ......................................Brass
Terminals/Fixed Contacts..................Tin lead plate
Terminal Seal ....................................SP epoxy
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ..............-30°C to +85°C (-22°F to +185°F)
Storage Temperature ..................-30°C to +85°C (-22°F to +185°F)
Solder Heat Resistance ..............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS
Contact Rating ………………Gold: 0.4 VA max. @ 20 VDC or
peak AC
Silver: 3A @ 125 VAC or 28 VDC
resistive
Initial Contact Resistance……20 Milliohms max.
Contact Timing ……………Non-shorting
Insulation Resistance ………1,000 Megohms @ 500 VDC min.
Dielectric Strength …………1,000 Volts @ sea level
Actuator Travel ……………80°
Note: All keylocks are supplied with 2 brass keys on a ring.
SPDT/DPDT
4 Disc Tumblers
Tyco
Alcoswitch
Type
Remove Key
Contacts
Electronics
1437598-4
SKT131AEL01
SPDT
On
On
1 Only
Silver
1437598-5
SKT131GAEL01
SPDT
On
On
1 Only
Gold
1437598-7
SKT132AEL01
SPDT
On
On
1 or 2
Silver
1437598-8
SKT132GAEL01
SPDT
On
On
1 or 2
Gold
1437598-9
SKT331AEL01
DPDT
On
On
1 Only
Silver
1-1437598-0
SKT331GAEL01
DPDT
On
On
1 Only
Gold
1-1437598-1
SKT332AEL01
DPDT
On
On
1 or 2
Silver
1-1437598-3
SKT332GAEL01
DPDT
On
On
1 or 2
Gold
3-1437598-4
SK1323AEL01
Spare key for SKT13 Series
PANEL CUT-OUT
.640
(16.3)
.630
(16.0)
.760
(19.3)
.750
(19.1)
DIA.
1.00
(25.4)
POS.1
80
°
POS.2
.300
(7.62)
1.63
(41.4)
0.86
(21.8)
3/4-24 UNS-2A
1.00
(25.4)
SKT131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com