Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 276 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 276 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 272Page - Tyco Electronics ADE10SA Datasheet HTML 273Page - Tyco Electronics ADE10SA Datasheet HTML 274Page - Tyco Electronics ADE10SA Datasheet HTML 275Page - Tyco Electronics ADE10SA Datasheet HTML 276Page - Tyco Electronics ADE10SA Datasheet HTML 277Page - Tyco Electronics ADE10SA Datasheet HTML 278Page - Tyco Electronics ADE10SA Datasheet HTML 279Page - Tyco Electronics ADE10SA Datasheet HTML 280Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 326 page
background image
Microswitches
L5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
L
Miniature Short Lever
AMP
Switch
Operating
Releasing
Pre Travel
Operating
Over
Movement
Part
Position
Force
Force
(P.T.)
Position
Travel
Differential
Number
120g
20g
1.6 m/m
14.8 ±0.4
0.8 m/m
0.4 m/m
1478603-2
SPDT
200g
50g
[.063]
[.606±.016]
[.031]
[.016]
1478604-2
330g
70g
1478605-2
120g
20g
1.6 m/m
14.8 ±0.4
0.8 m/m
0.4 m/m
1478609-2
16
SPNC
200g
50g
[.063]
[.606±.016]
[.031]
[.016]
1478610-2
330g
70g
1478611-2
120g
20g
1.6 m/m
14.8 ±0.4
0.8 m/m
0.4 m/m
1478615-2
SPNO
200g
50g
[.063]
[.606±.016]
[.031]
[.016]
1478616-2
330g
70g
1478617-2
SPDT
1.6 m/m
14.8 ±0.4
0.8 m/m
0.4 m/m
1478667-2
5
SPNC
120g
20g
[.063]
[.606±.016]
[.031]
[.016]
1478668-2
SPNO
1478669-2
SPDT
1.6 m/m
14.8 ±0.4
0.8 m/m
0.4 m/m
1478670-2
0.1
SPNC
60g
12g
[.063]
[.606±.016]
[.031]
[.016]
1478671-2
SPNO
1478672-2
Spade/Solder Type
Terminal
Product Facts
n .187 [4.75] tab with solder
hole
n Use .187 [4.75] FASTON
receptacles or solder wire
directly to terminal
n Short lever to increase
operating position
Product Facts
n .250 [6.35] tab for use with
.250 [6.35] FASTON
receptacles
n Short lever to increase
operating positions
Spade Type Terminal
AMP
Switch
Operating
Releasing
Pre Travel
Operating
Over
Movement
Part
Position
Force
Force
(P.T.)
Position
Travel
Differential
Number
120g
20g
1478606-2
SPDT
200g
50g
1.6 m/m
15.4 ±0.4
0.8 m/m
0.4 m/m
1478607-2
330g
70g
[.063]
[.606±.016]
[.031]
[.016]
1478608-2
120g
20g
1478612-2
16
SPNC
200g
50g
1.6 m/m
15.4 ±0.4
0.8 m/m
0.4 m/m
1478613-2
330g
70g
[.063]
[.606±.016]
[.031]
[.016]
1478614-2
120g
20g
1478618-2
SPNO
200g
50g
1.6 m/m
15.4 ±0.4
0.8 m/m
0.4 m/m
1478619-2
330g
70g
[.063]
[.606±.016]
[.031]
[.016]
1478620-2
.189
(4.80)
P.T
P.T
1.09
(27.8)
.854
(21.7)
1.09
(27.8)
.850
(21.6)
.795
(20.2)
.796
(20.2)
.323
(8.2)
.110
(2.80)
.110
(2.80)
.039
(1.00)
.039
(1.00)
.110
(2.80)
.039
(1.00)
.039
(1.00)
.110
(2.80)
.213
(5.40)
.173
(4.40)
.240
(6.10)
.318
(8.10)
.323
(8.2)
.134
(3.40)
.122
(3.10)
.134
(3.40)
.122
(3.10)
.873
(22.2)
.543
(13.8)
.604
(15.3)
.875
(22.2)
.008
(0.20)
.031
(0.80)
.625
(15.9)
.724
(18.4)
.776
(19.7)
.405
(10.3)
.161
(4.1)
.126
(3.20)
.252
(6.40)
.252
(6.40)
.315
(8.00)
.406
(10.3)
.160
(4.1)
.134
(3.40)
.252
(6.40)
.295
(7.50)
O.P
O.P
.405
(10.3)
.406
(10.3)
.626
(15.9)
* Refer to Pages L2 for
Product Specifications
.122
Dia.
(3.10)
.122
Dia.
(3.10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com