Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 287 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 287 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 283Page - Tyco Electronics ADE10SA Datasheet HTML 284Page - Tyco Electronics ADE10SA Datasheet HTML 285Page - Tyco Electronics ADE10SA Datasheet HTML 286Page - Tyco Electronics ADE10SA Datasheet HTML 287Page - Tyco Electronics ADE10SA Datasheet HTML 288Page - Tyco Electronics ADE10SA Datasheet HTML 289Page - Tyco Electronics ADE10SA Datasheet HTML 290Page - Tyco Electronics ADE10SA Datasheet HTML 291Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 326 page
background image
Index/Matrixes
M2
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
M
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Soldering Process Recommendation Guide
The majority of customers utilizing miniature or sub-
miniature switches in the industry today have a great concern
about the switches' capabilities during their soldering and
cleaning cycles. This concern centers around the introduction
of contaminates into the switch contact area which could
cause the switch to experience various failure modes either
immediately or during the life of the switch.
These failure modes can show in a number of manners.
The following are just a few examples: high contact
resistance, open contacts, low dielectric strength, and high
actuation forces causing use-related malfunctions. Since
most fluxes become active with the introduction of high
temperatures used in all soldering techniques, the switch
SOLDERING TYPES
A. WAVE SOLDERING
Top & Bottom board preheat: 200°F (93°C) for approximately 3 to 4 minutes.
Solder Temperature & Dwell Time: 500°F (260°C) for approximately 3 to 5 seconds.
B. HAND SOLDERING
1. 500°F-600°F (260°C-316°C) Utilizing a controlled 40 watt iron for 3 to 5 seconds maximum.
2. 500°F (260°C) Utilizing a controlled 30 watt iron for 10 seconds maximum.
C. DIP SOLDERING
1. Solder Temperature & Dwell Time: 500°F (260°C) for 3-5 seconds maximum.
2. Mounted on PCB .060" thick - Solder Temperature & Dwell Time: 500°F (260°C) for 10 seconds maximum.
D. SURFACE MOUNT
Tyco Electronics performs testing of their Surface Mount switches in accordance with EIA-364-56, Resistance to
Soldering Heat, test procedures 4 (Vapor Phase) and Procedure 5 (Infrared).
CLEANING TYPES
A. Solvent Wash (1.1.1 Trichlorethylene, T.M.S., T.M.C.)
B. Vapor Degreasing
C. Solvent Immersion
D. Aqueous Cleaning
must either prevent these fluxes from entering into its contact
area or allow cleaning techniques to carry flux particles out.
It must be understood that switch contamination can occur
during any procedure: from hand soldering to Surface Mount
systems for solder reflow.
We at Alcoswitch offer a wide range of switches to handle
any soldering operations. However, certain soldering
conditions will not apply to all switches. The following
conditions and charts should help assist you in the soldering
of our switches in your application. If you need additional
information, please contact the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com