Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 292 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 292 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 288Page - Tyco Electronics ADE10SA Datasheet HTML 289Page - Tyco Electronics ADE10SA Datasheet HTML 290Page - Tyco Electronics ADE10SA Datasheet HTML 291Page - Tyco Electronics ADE10SA Datasheet HTML 292Page - Tyco Electronics ADE10SA Datasheet HTML 293Page - Tyco Electronics ADE10SA Datasheet HTML 294Page - Tyco Electronics ADE10SA Datasheet HTML 295Page - Tyco Electronics ADE10SA Datasheet HTML 296Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 326 page
background image
Index/Matrixes
M7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
M
Glossary
• Actuation Force (Operating Force): The force required to
change the actuator of a switch from one position to the other.
Unit of Measure: Slides - lbs., oz. or grams. Toggles and
pushbuttons - oz. Rotary products-torque.
• Actuator: A movable part of a switch which causes a change in
the electrical configurations of the switch.
Example:
Toggle
Rocker
Slider
Plunger
Paddle
Shaft
• Alternate Action: See Push-Push.
• Angle of Throw: The angle or arc through which an actuator
passes during actuation. Typically used to refer to the
movement of toggle or rocker actuators. Unit of Measure:
Degree.
• Antistatic: An antistatic device will withstand a specified
potential without conducting between the actuator and any
conducting element, usually the terminals or bushing. Unit of
Measure: Typical value 15-20 kilovolts DC.
• Bifurcated Contact: A wiping movable contact consisting of
two spring fingers that grip fixed contacts. Typically found in
slide switches. Self-cleaning action. See Wiping Contact.
• Bobbin Contact: A movable contact shaped like a thread bobbin
that rolls along the stationary contacts. Found only in slide
switches.
• Bounce: See Contact Bounce.
• Break-Before-Make (Non-shorting, Break First): On
actuation, the movable contact breaks contact with one fixed
contact before making contact with another fixed contact.
Contrast with make-before-break. Typical of toggle and
pushbutton switches. (BBM)
• Break First: See Break-Before-Make.
• Butt Contact: A contact mechanism in which the movable
contact makes contact with the fixed (stationary) contact
without wiping motion between the surfaces. Typical of toggle
and pushbutton switches. See Wiping Contact.
• Capacitive Load: A load in which the initial current on making
(closing) of the contacts is higher than the steady state current
on breaking (opening) of the contacts, the current is less than
steady state. Current leads voltage in capacitive loads. See
Resistive Load, Inductive Load, Power Factor and Inrush.
• Carrying Current: The maximum current that can be passed
through the already closed contacts of a switch. Contrast with
“Contact Rating.”
• Contact (Contact Area): The metal surfaces that come into
physical contact to complete an electrical circuit. These
surfaces are found on moveable contacts (see) and terminals
(see).
• Contact Block: A switching element which is added singly or in
groups to an operator (see) to make a complete switch.
• Contact Bounce (Bounce): The time during switching in which
electrical instability caused by the rebound of the contacts is
observed. Unit of Measure: Millisecond.
• Contact Gap: The distance between a stationary contact and a
moveable contact in the open position.
• Contact Rating (Switching Rating): The capacity to switch
(connect or interrupt) an electrical load. Unit of Measure: Volts,
amps, load characteristic (resistive, inductive, capacitive, power
factor). Contrast with non-switching rating.
• Contact Resistance: The total resistance of the switch,
comprised of the contact interface and terminals. Unit of
Measure: Milliohms.
• Cycles: The number of times a switch can be actuated from one
extreme position to the opposite extreme position and back to
the original position.
• Detent: A mechanical stop that holds the contacts in a given
position after the actuation force is removed or prevents the
changing of contact position at less than a specified actuation
force.
• Detent Angle: The angle or arc between detent positions in
rotary switches. Unit of Measure: Degree.
• Dielectric Strength (Dielectric Withstanding Voltage, DWV,
Leakage Resistance, Breakdown Voltage): The ability of an
insulator to withstand a voltage without arcing across its
surface. Most often applies to insulator between switch
terminals and metal exposed to operator of switch. Unit of
Measure: Volts RMS, Volts AC.
• Dielectric Withstanding Voltage: See Dielectric Strength.
• DIP: Dual-in-Line Package refers to a component with two rows
of PC terminals. The terminals are most commonly on a 0.100"
pitch with 0.300" between rows.
• Double-Break Contacts: A contact mechanism using two sets of
contacts to make or break a given circuit. This provides better
power handling capacity and longer switch life. Typical of high
power industrial switches. See Single-Break Contacts.
• Dry Circuit (Low Energy, Logic Level): An application in
which power levels do not cause arcing, melting or softening of
contacts. Typically requires gold plated contacts for reliable
switch operation. Typical Definition: 0.4VA max. @ 20 VDC
or peak AC.
• DWV: See Dielectric Strength.
• Electrical Life: The number of operations at a given electrical
load that does not result in a degredation of any electrical or
mechanical parameter beyond the standard set by the applicable
end-of-life criteria. Unit of Measure: Cycles (on-off operations)
(rotations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com