Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF04STTR Datasheet(PDF) 21 Page - Tyco Electronics

Part # ADF04STTR
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04STTR Datasheet(HTML) 21 Page - Tyco Electronics

Back Button ADF04STTR Datasheet HTML 17Page - Tyco Electronics ADF04STTR Datasheet HTML 18Page - Tyco Electronics ADF04STTR Datasheet HTML 19Page - Tyco Electronics ADF04STTR Datasheet HTML 20Page - Tyco Electronics ADF04STTR Datasheet HTML 21Page - Tyco Electronics ADF04STTR Datasheet HTML 22Page - Tyco Electronics ADF04STTR Datasheet HTML 23Page - Tyco Electronics ADF04STTR Datasheet HTML 24Page - Tyco Electronics ADF04STTR Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 326 page
background image
A21
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
MRD Series
FEATURES:
• 40% PCB area space savings over standard rotary dips
• 50% Lower in profile than standard rotary dips
• Hexadecimal or binary code, complement available
• Deflection temperature of 250ºC for SMT reflow soldering
• Gold contacts, tin/lead terminals
• Sealed “O” ring design
MATERIAL SPECIFICATIONS:
Fixed Contacts/Terminals........Brass, gold plated / tin/lead
Moving Contacts......................BeCu, gold plated
Case Material ..........................PPS UL94V-0
Rotor ........................................Nylon UL94V-O
Cover Material ........................PPS UL94V-0
O-Ring ....................................Fluoro Rubber
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-10°C to +85°C
Storage Temperature................-45°C to +100°C
Solder Heat Resistance ............MIL-STD 202F, Method 210
IR Process Capability ..............EIA-364-56 Level II (250°C peak)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA Max. @ 20 VDC
Initial Contact Resistance ........50m Max. @ 2 VDC 10mA
Insulation Resistance ..............1,000 Megohms max.
Dielectric Strength ..................300 VAC for 1 minute
Actuator Travel........................36° 10 Position, 22.5° 16 position
Operating Force ......................200 Grams avg.
Life Expectancy ......................20,000 Steps, mechanical
MRD10S
MRD16S
MRD10
MRD16C
36
°
10X
.024/(0.60) X 45
°
CHAMFER
.276
(7.01)
.276
± .012
(7.01
± 0.30)
SEE DETAIL “A”
.118
(2.99)
.010
(0.25)
.299
(7.59)
SURFACE MOUNT
.024/(0.60) X 45
°
CHAMFER
SEE DETAIL “A”
.020
(0.50)
.276
(7.01)
.276
(7.01)
22.5
°
16X
.130
(3.30)
.118
(3.00)
.030
(0.76)
.354
(8.99)
SEE DETAIL “B”
.102
(2.59)
.071
(1.80)
.031
(0.78)
DETAIL “A”
SCALE 8:1
.130
(3.30)
.126
(3.20)
.020
(0.50)
.047
(1.19)
DETAIL “B”
SCALE 8:1
.010
(0.25)
.003
(0.07)
0
° - 10°
P.C. MOUNT
Rotary DIP Switches, Low Profile, Process Sealed, 7MM, Through Hole
and Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com