Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMMK-3603 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-3603
Description  1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-3603 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  VMMK-3603 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Specifications
Table 1. Absolute Maximum Rating [1]
Symbol
Parameters/Condition
Unit
Absolute Max
Vd
Supply Voltage (RF Output) [2]
V
8
Id
Supply Current [2]
mA
56
Pin, max
CW RF Input Power (RF Input) [3]
dBm
15
Pdiss
Total Power Dissipation
mW
460
Tch
Max Channel Temperature
°C
+150
θjc
Thermal Resistance [4]
°C/W
95.3
Notes
1. Operation of this device above any one of these parameters may cause permanent damage
2. Bias is assumed DC quiescent conditions
3. With the DC (typical bias) and RF applied to the device at board temperature Tb = 25° C
4. Thermal resistance is measured from junction to board using IR method
Table 2. DC and RF Specifications [1]
TA = 25° C, Vd = 5 V, Freq = 5 GHz, Zin = Zout = 50 Ω (unless otherwise specified)
Symbol
Parameters/Condition
Unit
Minimum
Typical
Maximum
Id [2]
Supply Current
mA
27
36
44
NF [2,3]
Noise Figure
dB
1.5
1.9
Ga [2,3]
Associated Gain
dB
15.5
16.8
19.5
S11 [4]
Input Return Loss
dB
-11
S22 [4]
Output Return Loss
dB
-11
OIP3 [4,5]
Output 3rd Order Intercept Point
dBm
25
Notes
1. Losses of the test system have been de-embedded from final data
2. Measured data obtained from wafer-probing using a G-S, S-G pyramid probe
3. NF and Ga obtained from Noise Figure Meter
4. S-parameters and OIP3 data obtained using 300
μm G-S-G probing on PCB substrate
5. OIP3 test condition: Center frequency = 5 GHz, 2 tone offset = 10 MHz, Pin = -25 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com