Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10S-R1W3DC Datasheet(PDF) 1 Page - Tyco Electronics

Part # R10S-R1W3DC
Description  General Purpose Relays Industrial Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

R10S-R1W3DC Datasheet(HTML) 1 Page - Tyco Electronics

  R10S-R1W3DC Datasheet HTML 1Page - Tyco Electronics R10S-R1W3DC Datasheet HTML 2Page - Tyco Electronics R10S-R1W3DC Datasheet HTML 3Page - Tyco Electronics R10S-R1W3DC Datasheet HTML 4Page - Tyco Electronics R10S-R1W3DC Datasheet HTML 5Page - Tyco Electronics R10S-R1W3DC Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Contact ratings (continued)
Type
Load
Cycles
UL 508
P type, Au overlay Ag, bifurcated crossbar contact
2A, 120VAC, resistive
100x103
3 A, 120 VAC, resistive
6x103
3 A, 30 VDC, resistive
100x103
L type, AuPtAg, bifurcated crossbar contact
500mA, 28VDC, resistive
6x103
Mechanical endurance
10x106 ops., except W type is 1x106 ops.
Coil Data
Coil voltage range
3 to 115VDC
4.5mA to 20mA
6 to 115VAC
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
mW
V - standard DC voltage adjustment
1, 2 and 4 pole
V10
3
2.25
10
900
V28
5
3.75
28
900
V52
6
4.5
52
900
V185
12
9
185
900
V700
24
18
700
900
V2.5K
48
36
2500
900
V5.8K
72
54
5800
900
V15.0K
115
86
15000
900
6 pole
V6
3
2.25
6
1,500
V16
5
3.75
16
1,600
V25
6
4.5
25
1,500
V90
12
9
90
1,600
V430
24
18
430
1,400
V1.5K
48
36
1500
1,600
V3.5K
72
54
3500
1,500
V9.0K
115
86
9000
1,500
8 pole
V5
3
2.25
5
1,800
V14
5
3.75
14
1,800
V20
6
4.5
20
1,800
V72
12
9
72
2,000
V350
24
18
350
1,700
V1.25K
48
36
1250
1,900
V2.8K
72
54
2800
1,900
V8.0K
115
86
8000
1,700
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
1 through 8 form C (CO) contact arrangement
n
Broad range of coil options provides sensitivity ranging from 25 to
750mW
n
Various contacts switch from dry circuit to 7.5 amps
n
Many mounting and termination options
Typical applications
Coin changers, audio equipment, elevators, traffic controls, ultrasonic test
equipment, parking toll readers
Approvals
UL E29244; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
1, 2, 3, 4, 6 and 8 Form C (CO)
Rated voltage
120VAC
Rated current
7.5A
Contact material
Ag, AgCdO, Au overlay Ag, AuPtAg
Contact style
Single or bifurcated crossbar
Min. recommended contact load
W type, AgCdO, single contact
300mA, 12VDC
X type, AgCdO, single contact
300mA, 12VDC
M type, AgCdO, bifurcated contact
300mA, 12VDC
Y type, Ag, single contact
100mA, 12VDC
Z type, Ag, bifurcated crossbar
1mA, 12VDC
P type, Au overlay Ag, bifurcated crossbar
dry circuit
L type, AuPtAg, bifurcated crossbar
dry circuit
Initial contact resistance
All AgCdO contact types
100mΩ
All other contact materials and types
50mΩ
Frequency of operation
360 ops./hr
Contact ratings
Type
Load
Cycles
UL 508
W type, AgCdO, single contact
7.5A, 120VAC, resistive
7.5A, 28VDC, resistive
1/8HP, 120VAC, same polarity
1/6HP, 240VAC, same polarity
X type, AgCdO, single contact
2A, 30VDC, resistive
100x103
5A, 120VAC, resistive
6x103
5A, 30VDC, resistive
100x103
1/20HP, 120VAC, same polarity
1/10HP, 240VAC, same polarity
M type, AgCdO, bifurcated contact
5A, 120VAC, resistive
6x103
5A, 28VDC, resistive
6x103
Y type, Ag, single contact
2A, 120VAC
6x103
2A, 28VDC
6x103
250VA, 250VAC
30x103
125VA, 125VAC
100x103
Z type, Ag, bifurcated crossbar contact
3A, 120VAC
6x103
3A, 28VDC
6x103
2A, 30VDC
100x103
R10
R10-R
R10S
R10-T


Similar Part No. - R10S-R1W3DC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
R10S-E1Y1-J10K MACOM-R10S-E1Y1-J10K Datasheet
1Mb / 6P
R10 Series Panel Plug-in Relay
R10S-E1Y2-J50K MACOM-R10S-E1Y2-J50K Datasheet
1Mb / 6P
R10 Series Panel Plug-in Relay
R10S-E2Y1-J10K MACOM-R10S-E2Y1-J10K Datasheet
1Mb / 6P
R10 Series Panel Plug-in Relay
More results

Similar Description - R10S-R1W3DC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
General Purpose Relays Industrial Relays
Rev. 0522
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com