Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

157RLS050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 157RLS050M
Description  85C Low Leakage Height Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157RLS050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  157RLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 157RLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
RLS
+85°C Low Leakage Height Aluminum
Electrolytic Capacitors
Features
Low Leakage current
Lead Free Leads
Applications
Alternative for Tantalums
Filtering
Timing circuits
De-Coupling
Specifications
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
10
16
25
35
50
Surge voltage
SVDC
13
20
32
44
63
WVDC
10
16
25
35
50
Dissipation Factor
tan
δ
.2
.16
.14
.12
.1
2 Minutes
Leakage current
.002CV or 3uA,Whichever is greater
Rated WVDC
10
16
25
35
50
-25°C to +20°C
3
2
2
2
2
Low temperature
stability
Impedance ratio
(120 Hz)
-40°C to +20°C
6
4
4
3
3
2000 hours at 85°C with rated WVDC
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
Cap
50
120
400
1k
10k
100k
85
70
60
30
C<10
0.8
1.0
1.3
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
0.8
1.0
1.23
1.36
1.48
1.53
1.0
1.3
1.5
1.8
100<C<1000
0.8
1.0
1.16
1.25
1.35
1.38
1.0
1.3
1.5
1.8
Ripple Current Multipliers
C>1000
0.8
1.0
1.11
1.17
1.25
1.28
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
S
2.0
2.5
3.5
5.0
5.0
d
0.5
0.5
0.6
0.6
0.6
D1=D+0.5mm
D<8mm, L1=L+1mm
D>8mm, L1=L+1.5mm
S1=S+0.5mm


Similar Part No. - 157RLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157RLS050M ILLINOISCAPACITOR-157RLS050M Datasheet
114Kb / 3P
85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 157RLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
85째C Low Leakage Current Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_13 Datasheet
199Kb / 2P
85C Low Profile, 5mm Height Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M_13 Datasheet
183Kb / 2P
85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M_13 Datasheet
186Kb / 2P
85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com