Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD302V Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # SLD302V
Description  200mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  SLD302V Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
– 2 –
SLD302V
Electrical and Optical Characteristics
(Tc: Case temperature, Tc = 25°C)
Handling Precautions
Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 1W. However the optical power
density of the laser beam at the diode chip
reaches 1mW/cm2. Unlike gas lasers, since
laser diode beams are divergent, uncollimated
laser diode beams are fairly safe at a laser
diode. For observing laser beams, ALWAYS use
safety goggles that block infrared rays. Usage of
IR scopes, IR cameras and fluorescent plates is
also recommended for monitoring laser beams
safely.
∗1 Wavelength Selection Classification
Type
SLD302V-1
SLD302V-2
SLD302V-3
Wavelength (nm)
785 ± 15
810 ± 10
830 ± 10
Type
SLD302V-21
SLD302V-24
SLD302V-25
Wavelength (nm)
798 ± 3
807 ± 3
810 ± 3
AP
C
ATC
Safety goggles for
protection from
laser beam
IR fluorescent plate
Optical
material
Optical power output control device
temperature control device
Lens
Laser diode
Optical boad
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Ith
Iop
Vop
λp
Imon
θ⊥
θ//
∆X, ∆Y
∆φ⊥
ηD
Threshold current
Operating current
Operating voltage
Wavelength∗1
Monitor current
Radiation angle
(F. W. H. M.∗)
Positional accuracy
Differential efficiency
PO = 180mW
PO = 180mW
PO = 180mW
PO = 180mW
VR = 10V
PO = 180mW
PO = 180mW
PO = 180mW
770
0.65
150
350
1.9
0.3
28
12
0.9
200
500
3.0
840
40
17
±50
±3
mA
mA
V
nm
mA
degree
degree
µm
degree
mW/mA
Perpendicular
Parallel
Position
Angle
∗ F. W. H. M. : Full Width at Half Maximum



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com