Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVB-310 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVB-310
Description  Deep UV-LED, AlGaN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVB-310 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVB-310 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVB-310 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVB-310 Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVB-310 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
25.04.2013
UVB-310
1 / 4
UVB-310
Deep UV-LED, AlGaN
UVA-310 is an AlGaN based, narrow bandwidth, 310nm LED available in different configurations. Deep
UV-LEDs are widely used for water sterilization, air purification, germicidal and medical applications,
diagnostics, and laboratory testing.
Specifications
Packaging Options
• Structure: AlGaN
• Peak Wavelength: 310 nm
• Optical Output Power: typ. 1.1 mW
• Life Time:
•
Bare chip die
•
TO-39 open can
•
TO-39 flat window
•
TO-5 flat window
•
TO-5 hemispherical lens
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Power Dissipation, DC
PD
mW
Forward Current, DC
IF
40
mA
Reverse Voltage (IR=10µA)
VR
>5
V
Reverse Current (VR=5V)
IR
<10
µA
Operating Temperature
Topr
-20 … +50
°C
Storage Temperature
Tstg
-20 … +85
°C
Soldering Temperature (max. 5s)
Tsol
190°
°C
General Characteristics (Ta=25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
λ
P
IF = 20 mA
307
nm
Optical Power
PO
IF = 20 mA
1.1
mW
Beam Angle
φ
IF = 20 mA
160
degree
Forward Voltage
UF
IF = 20 mA
6.1
V
Half Width (FWHM)
Δλ
IF = 20 mA
nm
Life time
IF = 20 mA
h
Wavelength measurements tolerance is +/- 2%
Output power measurement tolerance is +/- 10%
Voltage measurement tolerance is +/- 2%


Similar Part No. - UVB-310

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVB-280 ROITHNER-UVB-280 Datasheet
513Kb / 4P
Deep UV-LED, AlGaN
logo
Unity Opto Technology
UVB-5X173 UOT-UVB-5X173 Datasheet
47Kb / 4P
12.7X6.35mm LIGHT BAR
More results

Similar Description - UVB-310

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
UV LED
logo
Roithner LaserTechnik G...
UVA-340 ROITHNER-UVA-340 Datasheet
723Kb / 4P
Deep UV-LED, AlGaN
UVB-280 ROITHNER-UVB-280 Datasheet
513Kb / 4P
Deep UV-LED, AlGaN
LED375 ROITHNER-LED375 Datasheet
907Kb / 8P
UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
UV LED
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
UV LED
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
UV LED
XSL-375-TB-5 ROITHNER-XSL-375-TB-5 Datasheet
287Kb / 5P
UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
UV LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com