Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVDRIVE Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # UVDRIVE
Description  DC Power Supply for UVTOP/UVLUX LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVDRIVE Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  UVDRIVE Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVDRIVE Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30.06.2011
UVDRIVE
2 / 2
1.
Make sure the power switch is in the OFF position.
2.
Connect the LED cable to the LED connector
3.
insert the LED into the receptacle of LED fixture (Polarity is marked on the fixture)
4.
insert the plug of the 15 VDC power supply into the 15VDC socket on the left side of the unit
5.
Turn the current regulator fully counterclockwise
6.
Switch the power switch to ON
7.
Turn the current regulator clockwise while monitoring the current disply
8.
Do not exceed current value as specified in the respective LED’s datasheet
General Advice
UV-Radiation
UVTOP and UVLUX devices are ultraviolet LEDs. During operation, the LED emit high intensity
ultraviolet (UV) light, which is harmful to skin and eyes.
UV light is hazardous to skin and may cause cancer. Avoid exposure to UV light when the LED is
operational. Precautions must be taken to avoid looking directly at the UV light without the use of UV
protective glasses. Do not look directly at the front of the LED or at the LEDs lens when the LED is
operational.
It is advised, to attach a warning label on products/systems that utilize UV LEDs:
Static Electricity
UVTOP and UVLUX LEDs are ESD (electrostatic discharge) sensitive. Static electricity and surge
voltages seriously damage UV LEDs an may result in complete failure of the device.
Precautions must be taken against ESD when handling or operating these devices.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com