Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVTOP240 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVTOP240
Description  Deep Ultraviolet Light Emission source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVTOP240 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVTOP240 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVTOP240 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVTOP240 Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVTOP240 Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVTOP240 Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVTOP240 Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.roithner-laser.com
1
UVTOP240
Description
UVTOP240 is a series of AlGaN based deep UV-LEDs with a typical peak wavelength of 245 nm and optical
output power of 30-70 µW. It comes in hermetically sealed TO39 or TO18 metal can package with ball lens,
hemispherical lens, or flat glass window configuration. UVTOP240 is widely used for optical sensing and
imaging of dyes, inks and markers
Maximum Ratings (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Power Dissipation, DC
PD
150
mW
Forward Current, DC
IF
25
mA
Pulsed Current (1% duty cycle, 1kHz)
IFP
200
mA
Reverse Voltage
UR
-6
V
Operating Temperature
Topr
-30
+55
°C
Storage Temperature
Tstg
-30
+100
°C
Soldering Temperature (max. 5s)
Tsol
+190
°C
General Characteristics (T
CASE = 25°C, IF = 20mA)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λP
240
245
250
nm
Half Width (FWHM)
∆λ
12
15
nm
Forward Voltage
UF
10
13
V
*wavelength measurement tolerance: ± 2 nm, forward voltage measurement tolerance: ± 2 %
Electro-Optical Characteristics (T
CASE = 25°C, IF = 20mA)
Part Number
Package
Window
Optical Power
POUT (µW)
View. Angle
2Ө1/2 (°)
Min.
Typ.
Typ.
UVTOP240-FW-TO39
TO-39
Flat Window
30
70
120
UVTOP240-TFW-TO39
Flat Window
10
30
120
UVTOP240-TFWR-TO39
Flat Window
20
40
120
UVTOP240-HL-TO39
Hemisph. Lens
20
40
7
UVTOP240-BL-TO39
Ball Lens
30
70
7
UVTOP240-FW-TO18
TO-18
Flat Window
20
40
120
UVTOP240-BL-TO18
Ball Lens
20
40
10
*output power measurement tolerance: ± 10 %
Open Can version (TO18 or TO39, no cap, no window) available on request
v 2.0 24.06.2013


Similar Part No. - UVTOP240

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP255 ROITHNER-UVTOP255 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP260 ROITHNER-UVTOP260 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP260-HL-TO39 ROITHNER-UVTOP260-HL-TO39 Datasheet
521Kb / 5P
Deep Ultraviolet Light Emission Source
UVTOP270 ROITHNER-UVTOP270 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP270-HL-TO39 ROITHNER-UVTOP270-HL-TO39 Datasheet
510Kb / 5P
Deep Ultraviolet Light Emission Source
More results

Similar Description - UVTOP240

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP260 ROITHNER-UVTOP260 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP295 ROITHNER-UVTOP295 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP335 ROITHNER-UVTOP335 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
DUV325-CHIP ROITHNER-DUV325-CHIP Datasheet
913Kb / 5P
Deep Ultraviolet Light Emission Source
DUV340-CHIP ROITHNER-DUV340-CHIP Datasheet
962Kb / 5P
Deep Ultraviolet Light Emission Source
DUV-FW5 ROITHNER-DUV-FW5 Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18M ROITHNER-DUV-HL18M Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18W ROITHNER-DUV-HL18W Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL46N ROITHNER-DUV-HL46N Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
UVTOP270-SMD ROITHNER-UVTOP270-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com