Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVTOP260 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVTOP260
Description  Deep Ultraviolet Light Emission Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVTOP260 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVTOP260 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVTOP260 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVTOP260 Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVTOP260 Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVTOP260 Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVTOP260 Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.roithner-laser.com
1
UVTOP260
Description
UVTOP260 is a series of AlGaN based deep UV-LEDs with a typical peak wavelength of 265nm and optical
output power of 150-300 µW. It comes in hermetically sealed TO39 or TO18 metal can package with ball lens,
hemispherical lens, or flat glass window configuration. UVTOP260 is widely used for forensic analysis,
disinfection, optical sensing, and imaging applications
Maximum Ratings (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Power Dissipation, DC
PD
150
mW
Forward Current, DC
IF
30
mA
Pulsed Current (1% duty cycle, 1kHz)
IFP
200
mA
Reverse Voltage
UR
-6
V
Operating Temperature
Topr
-30
+55
°C
Storage Temperature
Tstg
-30
+100
°C
Soldering Temperature (max. 5s)
Tsol
+190
°C
General Characteristics (T
CASE = 25°C, IF = 20mA)
Parameter
Symbol
Values
Unit
Min.*
Typ.*
Max.*
Peak Wavelength
λP
260
265
270
nm
Half Width (FWHM)
∆λ
12
15
nm
Forward Voltage
UF
6.5
8.0
V
*wavelength measurement tolerance: ± 2 nm, forward voltage measurement tolerance: ± 2 %
Electro-Optical Characteristics (T
CASE = 25°C, IF = 20mA)
Part Number
Package
Window
Optical Power
POUT (µW)
View. Angle
2Ө1/2 (°)
Min.*
Typ.*
Typ.
UVTOP260-FW-TO39
TO-39
Flat Window
180
300
120
UVTOP260-TFW-TO39
Flat Window
80
150
120
UVTOP260-TFWR-TO39
Flat Window
120
200
120
UVTOP260-HL-TO39
Hemisph. Lens
120
250
7
UVTOP260-BL-TO39
Ball Lens
180
300
7
UVTOP260-FW-TO18
TO-18
Flat Window
150
250
120
UVTOP260-BL-TO18
Ball Lens
150
250
10
*output power measurement tolerance: ± 10 %
Open Can version (TO18 or TO39, no cap, no window) available on request
v 2.0 24.06.2013


Similar Part No. - UVTOP260

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP260-HL-TO39 ROITHNER-UVTOP260-HL-TO39 Datasheet
521Kb / 5P
Deep Ultraviolet Light Emission Source
More results

Similar Description - UVTOP260

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP295 ROITHNER-UVTOP295 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP335 ROITHNER-UVTOP335 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
DUV325-CHIP ROITHNER-DUV325-CHIP Datasheet
913Kb / 5P
Deep Ultraviolet Light Emission Source
DUV340-CHIP ROITHNER-DUV340-CHIP Datasheet
962Kb / 5P
Deep Ultraviolet Light Emission Source
DUV-FW5 ROITHNER-DUV-FW5 Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18M ROITHNER-DUV-HL18M Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18W ROITHNER-DUV-HL18W Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL46N ROITHNER-DUV-HL46N Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
UVTOP270-SMD ROITHNER-UVTOP270-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
UVTOP305-SMD ROITHNER-UVTOP305-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com