Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

225TLS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 225TLS050M
Description  85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225TLS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  225TLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 225TLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TLS
+85°C, Low Leakage current
2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1
50
105TLS050M
165.786
10
5x13
1.5
50
155TLS050M
110.524
22
5x13
2.2
50
225TLS050M
75.358
23
5x13
3.3
50
335TLS050M
50.238
30
5x13
4.7
50
475TLS050M
35.274
35
5x13
6.8
50
685TLS050M
24.38
45
5x13
10
35
106TLS035M
19.894
50
5x13
10
50
106TLS050M
16.579
55
6.3x13
15
25
156TLS025M
15.473
55
5x13
15
50
156TLS050M
11.052
70
6.3x13
22
16
226TLS016M
12.057
60
5x13
22
35
226TLS035M
9.043
80
6.3x13
22
50
226TLS050M
7.536
95
6.3x16
33
10
336TLS010M
10.048
65
5x13
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
33
25
336TLS025M
7.033
90
6.3x13
33
35
336TLS035M
6.0286
105
6.3x16
33
50
336TLS050M
5.0238
130
8x16
47
16
476TLS016M
5.644
100
6.3x13
47
25
476TLS025M
4.938
120
6.3x16
47
50
476TLS050M
3.527
155
8x16
68
10
686TLS010M
4.876
105
6.3x13
68
16
686TLS016M
3.901
130
6.3x16
68
35
686TLS035M
2.926
170
8x16
100
10
107TLS010M
3.316
145
6.3x16
100
16
107TLS016M
2.653
180
8x16
100
25
107TLS025M
2.321
190
8x16
100
35
107TLS035M
1.989
230
8x20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com