Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 2 Page - Analog Devices

  AD607ARSZ Datasheet HTML 1Page - Analog Devices AD607ARSZ Datasheet HTML 2Page - Analog Devices AD607ARSZ Datasheet HTML 3Page - Analog Devices AD607ARSZ Datasheet HTML 4Page - Analog Devices AD607ARSZ Datasheet HTML 5Page - Analog Devices AD607ARSZ Datasheet HTML 6Page - Analog Devices AD607ARSZ Datasheet HTML 7Page - Analog Devices AD607ARSZ Datasheet HTML 8Page - Analog Devices AD607ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD607–SPECIFICATIONS
REV. C
–2–
(@ TA = 25 C, Supply = 3.0 V, IF = 10.7 MHz, unless otherwise noted.)
AD607ARS
Model
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
MIXER
Maximum RF and LO Frequency Range
For Conversion Gain > 20 dB
500
MHz
Maximum Mixer Input Voltage
For Linear Operation; Between RFHI and RFLO
±54
mV
Input 1 dB Compression Point
RF Input Terminated in 50
Ω
–15
dBm
Input Third-Order Intercept
RF Input Terminated in 50
Ω
–5
dBm
Noise Figure
Matched Input, Max Gain, f = 83 MHz, IF = 10.7 MHz
14
dB
Matched Input, Max Gain, f = 144 MHz, IF = 10.7 MHz
12
dB
Maximum Output Voltage at MXOP
ZIF = 165
Ω, at Input Compression
±1.3
V
Mixer Output Bandwidth at MXOP
–3 dB, ZIF = 165
Ω
45
MHz
LO Drive Level
Mixer LO Input Terminated in 50
Ω
–16
dBm
LO Input Impedance
LOIP to VMID
1
k
Ω
Isolation, RF to IF
RF = 240 MHz, IF = 10.7 MHz, LO = 229.3 MHz
30
dB
Isolation, LO to IF
RF = 240 MHz, IF = 10.7 MHz, LO = 229.3 MHz
20
dB
Isolation, LO to RF
RF = 240 MHz, IF = 10.7 MHz, LO = 229.3 MHz
40
dB
Isolation, IF to RF
RF = 240 MHz, IF = 10.7 MHz, LO = 229.3 MHz
70
dB
IF AMPLIFIERS
Noise Figure
Max Gain, f = 10.7 MHz
17
dB
Input 1 dB Compression Point
IF = 10.7 MHz
–15
dBm
Output Third-Order Intercept
IF = 10.7 MHz
18
dBm
Maximum IF Output Voltage at IFOP
ZIF = 600
Ω±560
mV
Output Resistance at IFOP
From IFOP to VMID
15
Ω
Bandwidth
–3 dB at IFOP, Max Gain
45
MHz
GAIN CONTROL
(See Figures 23 and 24)
Gain Control Range
Mixer + IF Section, GREF to 1.5 V
90
dB
Gain Scaling
GREF to 1.5 V
20
mV/dB
GREF to General Reference Voltage VR
75/VR
dB/V
Gain Scaling Accuracy
GREF to 1.5 V, 80 dB Span
±1dB
Bias Current at GAIN
5
µA
Bias Current at GREF
1
µA
Input Resistance at GAIN, GREF
1M
Ω
I AND Q DEMODULATORS
Required DC Bias at DMIP
VPOS/2
V dc
Input Resistance at DMIP
From DMIP to VMID
50
k
Ω
Input Bias Current at DMIP
2
µA
Maximum Input Voltage
IF > 3 MHz
±150
mV
IF
≤ 3 MHz
±75
mV
Amplitude Balance
IF = 10.7 MHz, Outputs at 600 mV p-p, F = 100 kHz
±0.2
dB
Quadrature Error
IF = 10.7 MHz, Outputs at 600 mV p-p, F = 100 kHz
–1.2
Degrees
Phase Noise in Degrees
IF = 10.7 MHz, F = 10 kHz
–100
dBc/Hz
Demodulation Gain
Sine Wave Input, Baseband Output
18
dB
Maximum Output Voltage
RL
≥ 20 kΩ±1.23
V
Output Offset Voltage
Measured from IOUT, QOUT to VMID
–150
+10
+150
mV
Output Bandwidth
Sine Wave Input, Baseband Output
1.5
MHz
PLL
Required DC Bias at FDIN
VPOS/2
V dc
Input Resistance at FDIN
From FDIN to VMID
50
k
Ω
Input Bias Current at FDIN
200
nA
Frequency Range
0.4 to 12
MHz
Required Input Drive Level
Sine Wave Input at Pin 1
400
mV
Acquisition Time to
±3°
IF = 10.7 MHz
16.5
µs
POWER-DOWN INTERFACE
Logical Threshold
For Power Up on Logical High
2
V dc
Input Current for Logical High
75
µA
Turn-On Response Time
To PLL Locked
16.5
µs
Standby Current
550
µA
POWER SUPPLY
Supply Range
2.92
5.5
V
Supply Current
Midgain, IF = 10.7 MHz
8.5
mA
OPERATING TEMPERATURE
TMIN to TMAX
Operation to 2.92 V Minimum Supply Voltage
–25
+85
°C
Operation to 4.5 V Minimum Supply Voltage
–40
+85
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com