Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607ARS Datasheet(PDF) 13 Page - Analog Devices

Part # AD607ARS
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD607ARS Datasheet HTML 9Page - Analog Devices AD607ARS Datasheet HTML 10Page - Analog Devices AD607ARS Datasheet HTML 11Page - Analog Devices AD607ARS Datasheet HTML 12Page - Analog Devices AD607ARS Datasheet HTML 13Page - Analog Devices AD607ARS Datasheet HTML 14Page - Analog Devices AD607ARS Datasheet HTML 15Page - Analog Devices AD607ARS Datasheet HTML 16Page - Analog Devices AD607ARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. C
–13–
AD607
30
20
–2
25
10
15
5
IQ GAIN BALANCE – dB
0
–1
0
1
2
TPC 13. Demodulator Gain Balance, Histogram,
T = 25
°C, VPOS = 3 V, IF = 10.7 MHz
20
18
0
19
16
17
15
BASEBAND FREQUENCY – MHz
10
0.2
0.4
0.6
0.8
14
12
13
11
1.0
1.2
1.4
1.6
1.8
2.0
QUADRATIC FIT OF I_GAIN_CORR (IFF)
I_GAIN_CORR
TPC 14. Demodulator Gain vs. Frequency
20
18
–50
19
16
17
15
TEMPERATURE – C
10
–40 –30 –20 –10
14
12
13
11
010 20 304050
CUBIC FIT OF I_GAIN_CORR (TEMP)
I_GAIN_CORR
60 70 80 90 100 110 120 130
TPC 15. Demodulator Gain vs. Temperature
20
18
2.5
19
16
17
15
SUPPLY – V
10
3
14
12
13
11
3.5
4
4.5
CUBIC FIT OF I_GAIN_CORR (TEMP)
I_GAIN_CORR
5
5.5
6
TPC 16. Demodulator Gain vs. Supply Voltage
40
25
17
35
15
20
10
DEMODULATOR GAIN – dB
0
17.2
5
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
30
TPC 17. Demodulator Gain Histogram,
T = 25
°C, VPOS = 3 V, IF = 10.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com