Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536ASE/883B Datasheet(PDF) 9 Page - Analog Devices

Part # AD536ASE/883B
Description  Integrated Circuit True RMS-to-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536ASE/883B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD536ASE/883B Datasheet HTML 5Page - Analog Devices AD536ASE/883B Datasheet HTML 6Page - Analog Devices AD536ASE/883B Datasheet HTML 7Page - Analog Devices AD536ASE/883B Datasheet HTML 8Page - Analog Devices AD536ASE/883B Datasheet HTML 9Page - Analog Devices AD536ASE/883B Datasheet HTML 10Page - Analog Devices AD536ASE/883B Datasheet HTML 11Page - Analog Devices AD536ASE/883B Datasheet HTML 12Page - Analog Devices AD536ASE/883B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD536A
Data Sheet
Rev. E | Page 8 of 16
THEORY OF OPERATION
The AD536A embodies an implicit solution of the rms equation
that overcomes the dynamic range as well as other limitations
inherent in a straightforward computation of rms. The actual
computation performed by the AD536A follows the equation
=
rms
V
V
Avg
rms
V
IN
2
Figure 6 is a simplified schematic of the AD536A. Note that it is
subdivided into four major sections: absolute value circuit
(active rectifier), squarer/divider, current mirror, and buffer
amplifier. The input voltage (VIN), which can be ac or dc, is
converted to a unipolar current (I1) by the active rectifiers
(A1, A2). I1 drives one input of the squarer/divider, which has
the transfer function
I4 = II2/I3
The output current, I4, of the squarer/divider drives the current
mirror through a low-pass filter formed by R1 and the exter-
nally connected capacitor, CAV. If the R1 CAV time constant is
much greater than the longest period of the input signal, then
I4 is effectively averaged. The current mirror returns a current
I3, which equals Avg[I4], back to the squarer/divider to complete
the implicit rms computation. Thus,
I4 = Avg[II2/I4] = II rms
14
+VS
–VS
I3
I2
I1
IOUT
RL
VIN
|VIN|R–1
ABSOLUTE VALUE;
VOLTAGE-CURRENT
CONVERTER
ONE-QUADRANT
SQUARER/DIVIDER
CURRENT MIRROR
Q1
Q2
Q3
Q4
Q5
COM
4
9
dB
OUT
5
BUF
OUT
6
3
8
1
BUF
IN
BUFFER
7
10
0.4mA
FS
A3
NOTES
1. PINOUTS ARE FOR 14-LEAD DIP.
0.2mA
FS
R1
25kΩ
R2
25kΩ
12kΩ
25kΩ
12kΩ
R4
50kΩ
R3
25kΩ
80kΩ
A4
A2
A1
Figure 6. Simplified Schematic
The current mirror also produces the output current, IOUT, which
equals 2I4. IOUT can be used directly or can be converted to a
voltage with R2 and buffered by A4 to provide a low impedance
voltage output. The transfer function of the AD536A results in
the following:
VOUT = 2R2 × I rms = VIN rms
The dB output is derived from the emitter of Q3 because the
voltage at this point is proportional to –log VIN. The emitter
follower, Q5, buffers and level shifts this voltage so that the dB
output voltage is zero when the externally supplied emitter
current (IREF) to Q5 approximates I3.
CONNECTIONS FOR dB OPERATION
The logarithmic (or decibel) output of the AD536A is one of
its most powerful features. The internal circuit computing dB
works accurately over a 60 dB range. The connections for dB
measurements are shown in Figure 7.
Select the 0 dB level by adjusting R1 for the proper 0 dB reference
current (which is set to cancel the log output current from the
squarer/divider at the desired 0 dB point). The external op amp
provides a more convenient scale and allows compensation of
the +0.33%/°C scale factor drift of the dB output pin.
The temperature-compensating resistor, R2, is available online
in several styles from Precision Resistor Company, Inc., (Part
Number AT35 and Part Number ST35). The average temperature
coefficients of R2 and R3 result in the +3300 ppm required to
compensate for the dB output. The linear rms output is available
at Pin 8 on the DIP or Pin 10 on the header device with an output
impedance of 25 kΩ. Some applications require an additional
buffer amplifier if this output is desired.
For dB calibration,
1. Set VIN = 1.00 V dc or 1.00 V rms.
2. Adjust R1 for dB output = 0.00 V.
3. Set VIN = +0.1 V dc or 0.10 V rms.
4. Adjust R5 for dB output = −2.00 V.
Any other desired 0 dB reference level can be used by setting
VIN and adjusting R1 accordingly. Note that adjusting R5 for the
proper gain automatically provides the correct temperature
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com