Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536ASH Datasheet(PDF) 8 Page - Analog Devices

Part # AD536ASH
Description  Integrated Circuit True RMS-to-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536ASH Datasheet(HTML) 8 Page - Analog Devices

Back Button AD536ASH Datasheet HTML 4Page - Analog Devices AD536ASH Datasheet HTML 5Page - Analog Devices AD536ASH Datasheet HTML 6Page - Analog Devices AD536ASH Datasheet HTML 7Page - Analog Devices AD536ASH Datasheet HTML 8Page - Analog Devices AD536ASH Datasheet HTML 9Page - Analog Devices AD536ASH Datasheet HTML 10Page - Analog Devices AD536ASH Datasheet HTML 11Page - Analog Devices AD536ASH Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
AD536A
Rev. E | Page 7 of 16
NC
–VS
CAV
NC
NC
NC
dB
COM
NC = NO CONNECT
AD536A
TOP VIEW
(Not to Scale)
20
19
1
2
3
4
5
6
7
8
13
12
11
10
9
14
15
16
17
18
NC
NC
Figure 5. E-20 Package Pin Configuration
Table 5. E-20 Package Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connection
2
V
IN
Input Voltage
3
NC
No Connection
4
−V
S
Negative Supply Voltage
5
NC
No Connection
6
C
AV
Averaging Capacitor
7
NC
No Connection
8
dB
Log (dB) Value of the RMS Output Voltage
9
BUF OUT
Buffer Output
10
BUF IN
Buffer Input
11
NC
No Connection
12
I
OUT
RMS Output Current
13
R
L
Load Resistor
14
COM
Common
15
NC
No Connection
16
NC
No Connection
17
NC
No Connection
18
NC
No Connection
19
NC
No Connection
20
+V
S
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com